Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAS20HT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBAS20HT1G
Description  High Voltage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAS20HT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBAS20HT1G_15 Datasheet HTML 1Page - Leshan Radio Company LBAS20HT1G_15 Datasheet HTML 2Page - Leshan Radio Company LBAS20HT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LBAS20HT1G,S-LBAS20HT1G
1000
100
10
1.0
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Figure 1. Recovery Time Equivalent Test Circuit
100
10
1.0
0.1
0.01
0.001
0
50
100
150
200
250
300
VR, REVERSE VOLTAGE (V)
Figure 3. Leakage Current
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
5.0
10
15
20
25
30
35
VR, REVERSE VOLTAGE (V)
Figure 4. Total Capacitance
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
0
25
50
75
100
125
150
175
200
225
250
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (I
F
) of 30 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 30 mA.
Notes : 3. tp » trr
+10 V
2.0 k
820
Ω
0.1
µF
D.U.T.
VR
100
µH
0.1
µF
50
Ω Output
Pulse
Generator
50
ΩInput
Sampling
Oscilloscope
tr
I
F
tp
t
10%
90%
I
R
trr
IF
t
iR(REC) = 3.0 mA
OUTPUT PULSE
(I
F = IR = 30 mA; MEASURED
at iR(REC) = 3.0 mA)
INPUT SIGNAL
VF, FORWARD VOLTAGE (V)
Figure 2. Forward Current
IF, FORWARD CURRENT (mA)
Figure 5. Forward Voltage
f = 1 MHz
IE = 0 A
TA = 25°C
Rev.O 2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com