Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1207 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1207
Description  Dual 250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1207 Datasheet(HTML) 2 Page - Linear Technology

  LT1207_15 Datasheet HTML 1Page - Linear Technology LT1207_15 Datasheet HTML 2Page - Linear Technology LT1207_15 Datasheet HTML 3Page - Linear Technology LT1207_15 Datasheet HTML 4Page - Linear Technology LT1207_15 Datasheet HTML 5Page - Linear Technology LT1207_15 Datasheet HTML 6Page - Linear Technology LT1207_15 Datasheet HTML 7Page - Linear Technology LT1207_15 Datasheet HTML 8Page - Linear Technology LT1207_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1207
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
Supply Voltage .....................................................
±18V
Input Current per Amplifier ...............................
±15mA
Output Short-Circuit Duration (Note 1) ....... Continuous
Specified Temperature Range (Note 2) ...... 0
°C to 70°C
Operating Temperature Range ............... – 40
°C to 85°C
Junction Temperature ......................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LT1207CS
Consult factory for Industrial and Military grade parts.
θJA = 40°C/W (NOTE 3)
VCM = 0, ±5V ≤ VS ≤ ±15V, pulse tested, VSHDN A = 0V, VSHDN B = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
±3
±10
mV
q
±15
mV
Input Offset Voltage Drift
q
10
µV/°C
IIN
+
Noninverting Input Current
TA = 25°C
±2
±5
µA
q
±20
µA
IIN
–
Inverting Input Current
TA = 25°C
±10
±60
µA
q
±100
µA
en
Input Noise Voltage Density
f = 10kHz, RF = 1k, RG = 10Ω, RS = 0Ω
3.6
nV/
√Hz
+in
Input Noise Current Density
f = 10kHz, RF = 1k, RG = 10Ω, RS = 10k
2
pA/
√Hz
–in
Input Noise Current Density
f = 10kHz, RF = 1k, RG = 10Ω, RS = 10k
30
pA/
√Hz
RIN
Input Resistance
VIN = ±12V, VS = ±15V
q
1.5
10
M
Ω
VIN = ±2V, VS = ±5V
q
0.5
5
M
Ω
CIN
Input Capacitance
VS = ±15V
2
pF
Input Voltage Range
VS = ±15V
q
±12
±13.5
V
VS = ±5V
q
±2
±3.5
V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±12V
q
55
62
dB
VS = ±5V, VCM = ±2V
q
50
60
dB
Inverting Input Current
VS = ±15V, VCM = ±12V
q
0.1
10
µA/V
Common Mode Rejection
VS = ±5V, VCM = ±2V
q
0.1
10
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
q
60
77
dB
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V+
–IN A
+IN A
SHDN A
–IN B
+IN B
SHDN B
V+
V+
OUT A
V– A
COMP A
OUT B
V– B
COMP B
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com