Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD65 Datasheet(PDF) 57 Page - NEC

Part # UPD65
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD65 Datasheet(HTML) 57 Page - NEC

Back Button UPD65 Datasheet HTML 53Page - NEC UPD65 Datasheet HTML 54Page - NEC UPD65 Datasheet HTML 55Page - NEC UPD65 Datasheet HTML 56Page - NEC UPD65 Datasheet HTML 57Page - NEC UPD65 Datasheet HTML 58Page - NEC UPD65 Datasheet HTML 59Page - NEC UPD65 Datasheet HTML 60Page - NEC UPD65 Datasheet HTML 61Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
57
µPD64A, 65
Data Sheet U14380EJ2V0DS00
Item
µPD62
µPD62A
µPD64
µPD64A
µPD65
ROM capacity
512
× 10 bits
512
× 10 bits
1002
× 10 bits
1002
× 10 bits
2026
× 10 bits
RAM capacity
32
× 4 bits
Stack
1 level (multiplexed with RF of RAM)
Key matrix
8
× 6 = 48 keys
8
× 7 = 56 keys
Key extended input
S0, S1
S0, S1, S2
Clock frequency
Ceramic oscillation Ceramic oscillation Ceramic oscillation Ceramic oscillation
• fX = 2.4 to 8 MHz • fX = 2.4 to 8 MHz • fX = 2.4 to 8 MHz • fX = 2.4 to 8 MHz
• fX = 2.4 to 4 MHz
• fX = 2.4 to 4 MHz
(with POC circuit)
(with POC circuit)
Timer
Clock
fX/64, fX/128
Count start
Writing count value
Carrier
Frequency
• fX/8, fX/64, fX/96 (timer clock: fX/64)
• fX/16, fX/128, fX/192 (timer clock: fX/128)
• No carrier
Output start
Synchronized with timer
Instruction execution time
16
µs (fX = 4 MHz)
“MOV Rn, @R0” instruction
n = 1 to F
Standby mode Reset
RESET input, POC
POC
Release
• HALT mode for timer only.
condition
• STOP mode for only releasing KI
(HALT
(KI/O high-level output or KI/O0 high-level output)
instruction)
Relation between HALT
HALT instruction not executed when F = 1
instruction execution and
status flag (F)
POC circuit
• Mask option
• Provided
• Low level output to RESET pin on detection
• Generates internal reset signal on
detection
POC detection VPOC = 1.6 V (TYP.)
VPOC = 1.85 V (TYP.) VPOC = 1.6 V (TYP.)
VPOC = 1.85 V (TYP.)
voltage
Mask option
POC circuit only
None
Supply voltage
• VDD=1.8 to 3.6 V VDD = 2.0 to 3.6 V
• VDD=1.8 to 3.6 V
VDD = 2.0 to 3.6 V
• VDD=2.2 to 3.6 V
• VDD=2.2 to 3.6 V
(with POC circuit)
(with POC circuit)
Operating temperature
• TA=–40 to +85
°C• TA=–40 to +85 °C• TA=–40 to +85 °CTA = –40 to +85 °C
• TA=–20 to +70
°C• TA=–20 to +70 °C
(with POC circuit)
(with POC circuit)
Package
20-pin plastic SSOP
• 20-pin plastic
20-pin plastic SSOP
SOP
• 20-pin plastic
SSOP
One-time PROM model
µPD6P4B
µPD6P5Note
Note Under development
APPENDIX B. FUNCTIONAL COMPARISON BETWEEN
µPD64A, 65 AND OTHER PRODUCTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com