Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1236 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1236
Description  Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236 Datasheet(HTML) 2 Page - Linear Technology

  LT1236_15 Datasheet HTML 1Page - Linear Technology LT1236_15 Datasheet HTML 2Page - Linear Technology LT1236_15 Datasheet HTML 3Page - Linear Technology LT1236_15 Datasheet HTML 4Page - Linear Technology LT1236_15 Datasheet HTML 5Page - Linear Technology LT1236_15 Datasheet HTML 6Page - Linear Technology LT1236_15 Datasheet HTML 7Page - Linear Technology LT1236_15 Datasheet HTML 8Page - Linear Technology LT1236_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1236
1
2
3
4
8
7
6
5
TOP VIEW
NC*
VIN
NC*
GND
NC*
NC*
V0UT
TRIM**
S8 PACKAGE
8-LEAD PLASTIC SO
CONNECTED INTERNALLY.
D0 NOT CONNECT EXTERNAL
CIRCUITRY TO THESE PINS
SEE APPLICATIONS
INFORMATION SECTION
*
**
A
G
A
U
A
R
BSOLUTEXI
TI
S
Input Voltage .......................................................... 40V
Input/Output Voltage Differential ............................ 35V
Output-to-Ground Voltage (Shunt Mode Current Limit)
LT1236-5 ............................................................. 10V
LT1236-10 ........................................................... 16V
Trim Pin-to-Ground Voltage
Positive................................................ Equal to VOUT
Negative ........................................................... – 20V
Output Short-Circuit Duration
VIN = 35V ......................................................... 10 sec
VIN ≤ 20V ................................................... Indefinite
Operating Temperature Range
LT1236AC, BC, CC .................................. 0
°C to 70°C
LT1236AI, BI, CI ................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................ 300
°C
PACKAGE/ORDER I FOR ATIO
Consult factory for Military grade parts.
ELECTRICAL C
C
HARA TERISTICS V
IN = 10V, IOUT = 0, TA = 25°C, unless otherwise noted.
LT1236-5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage (Note 1)
LT1236A-5
4.9975
5.000
5.0025
V
LT1236B-5/LT1236C-5
4.9950
5.000
5.0050
V
Output Voltage Temperature Coefficient (Note 2)
TMIN ≤ TJ ≤ TMAX
LT1236A-5
2
5
ppm/
°C
LT1236B-5
5
10
ppm/
°C
LT1236C-5
10
15
ppm/
°C
Line Regulation (Note 3)
7.2V
≤ VIN ≤ 10V
4
12
ppm/V
q
20
ppm/V
10V
≤ VIN ≤ 40V
2
6
ppm/V
q
10
ppm/V
Load Regulation (Sourcing Current)
0
≤ IOUT ≤ 10mA
10
20
ppm/mA
(Note 3)
q
35
ppm/mA
LT1236AIS8-5
LT1236BIS8-5
LT1236CIS8-5
LT1236AIS8-10
LT1236BIS8-10
LT1236CIS8-10
ORDER PART
NUMBER
S8 PART MARKING
LT1236ACS8-5
LT1236BCS8-5
LT1236CCS8-5
LT1236ACS8-10
LT1236BCS8-10
LT1236CCS8-10
236AC5
236BC5
236CC5
236AC1
236BC1
236CC1
236AI5
236BI5
236CI5
236AI1
236BI1
236CI1
TJMAX = 125°C, θJA = 190°C/W
TJMAX = 125°C, θJA = 130°C/W
ORDER PART
NUMBER
LT1236ACN8-5
LT1236BCN8-5
LT1236CCN8-5
LT1236ACN8-10
LT1236BCN8-10
LT1236CCN8-10
LT1236AIN8-5
LT1236BIN8-5
LT1236CIN8-5
LT1236AIN8-10
LT1236BIN8-10
LT1236CIN8-10
1
2
3
4
8
7
6
5
TOP VIEW
NC*
VIN
NC*
GND
NC*
NC*
V0UT
TRIM**
N8 PACKAGE
8-LEAD PDIP
CONNECTED INTERNALLY.
D0 NOT CONNECT EXTERNAL
CIRCUITRY TO THESE PINS
SEE APPLICATIONS
INFORMATION SECTION
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com