Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1247 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1247
Description  1MHz Off-Line Current Mode PWM and DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1247 Datasheet(HTML) 2 Page - Linear Technology

  LT1247_15 Datasheet HTML 1Page - Linear Technology LT1247_15 Datasheet HTML 2Page - Linear Technology LT1247_15 Datasheet HTML 3Page - Linear Technology LT1247_15 Datasheet HTML 4Page - Linear Technology LT1247_15 Datasheet HTML 5Page - Linear Technology LT1247_15 Datasheet HTML 6Page - Linear Technology LT1247_15 Datasheet HTML 7Page - Linear Technology LT1247_15 Datasheet HTML 8Page - Linear Technology LT1247_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1246/LT1247
2
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output Voltage
IO = 1mA, TJ = 25°C
4.925
5.000
5.075
V
Line Regulation
12V < VCC < 25V
q
320
mV
Load Regulation
1mA < IREF < 20mA
q
–6
– 25
mV
Temperature Stability
0.1
mV/
°C
Total Output Variation
Line, Load, Temperature
q
4.87
5.13
V
Output Noise Voltage
10Hz < F < 10kHz, TJ = 25°C50
µV
Long-Term Stability
TA = 125°C, 1000 Hrs.
5
25
mV
Output Short-Circuit Current
q
–30
– 90
–180
mA
Oscillator Section
Initial Accuracy
RT = 10k, CT = 3.3nF, TJ = 25°C
47.5
50
52.5
kHz
RT = 6.2k, CT = 500pF, TJ = 25°C
465
500
535
kHz
Voltage Stability
12V < VCC < 25V, TJ = 25°C1
%
Temperature Stability
TMIN < TJ < TMAX
– 0.05
%/
°C
Amplitude
Pin 4
1.7
V
Clock Ramp Reset Current
VOSC (Pin 4) = 2V, TJ = 25°C
7.9
8.2
8.5
mA
Error Amplifier Section
Feedback Pin Input Voltage
VPIN 1 = 2.5V
q
2.42
2.50
2.58
V
Input Bias Current
VFB = 2.5V
q
–2
µA
Open-Loop Voltage Gain
2 < VO < 4V
q
65
90
dB
Unity-Gain Bandwidth
TJ = 25°C
1
2
MHz
Power Supply Rejection Ratio
12V < VCC < 25V
q
60
dB
Output Sink Current
VPIN 2 = 2.7V, VPIN 1 = 1.1V
q
26
mA
Output Source Current
VPIN 2 = 2.3V, VPIN 1 = 5V
q
– 0.5
– 0.75
mA
(Notes 1, 2)
ELECTRICAL C
C
HARA TERISTICS
PACKAGE/ORDER I FOR ATIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage ....................................................... 25V
Output Current ......................................................
±1A*
Output Energy (Capacitive Load per Cycle) ............. 5
µJ
Analog Inputs (Pins 2, 3) .............................. – 0.3 to 6V
Error Amplifier Output Sink Current ..................... 10mA
Power Dissipation at TA ≤ 25°C ............................... 1W
Operating Junction Temperature Range
LT1246C/LT1247C ............................. 0
°C to 100°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
*The 1A rating for output current is based on transient switching
requirements.
S8 PART MARKING
LT1246CN8
LT1246CS8
LT1247CN8
LT1247CS8
ORDER PART
NUMBER
1246
1247
Consult factory for Industrial and Military grade parts.
1
2
3
4
8
7
6
5
TOP VIEW
COMP
FB
ISENSE
RT/CT
VREF
VCC
OUTPUT
GND
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 100°C, θJA = 130°C/W (N8)
TJMAX = 100°C, θJA = 150°C/W (S8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com