Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1301 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1301
Description  Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1301 Datasheet(HTML) 2 Page - Linear Technology

  LT1301_15 Datasheet HTML 1Page - Linear Technology LT1301_15 Datasheet HTML 2Page - Linear Technology LT1301_15 Datasheet HTML 3Page - Linear Technology LT1301_15 Datasheet HTML 4Page - Linear Technology LT1301_15 Datasheet HTML 5Page - Linear Technology LT1301_15 Datasheet HTML 6Page - Linear Technology LT1301_15 Datasheet HTML 7Page - Linear Technology LT1301_15 Datasheet HTML 8Page - Linear Technology LT1301_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1301
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
VIN Voltage .............................................................. 10V
SW1 Voltage ............................................................ 20V
Sense Voltage .......................................................... 20V
Shutdown Voltage ................................................... 10V
Select Voltage .......................................................... 10V
ILIM Voltage ............................................................ 0.5V
Maximum Power Dissipation ............................. 500mW
Operating Temperature Range
LT1301C ................................................... 0
°C to 70°C
LT1301I .................................................. 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
S8 PART MARKING
1301
1301I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
VSHDN = 0.5V, VSEL = 5V, VSENSE = 5.5V
q
120
200
µA
VSHDN = 1.8V
q
715
µA
VIN
Input Voltage Range
1.8
V
q
2.0
V
VOUT
Output Sense Voltage
VSEL = 5V
q
11.52
12.00
12.48
V
VSEL = 0V
q
4.75
5.00
5.25
V
Output Referred
VSEL = 5V (Note 1)
q
50
100
mV
Comparator Hysteresis
VSEL = 0V (Note 1)
q
22
50
mV
Oscillator Frequency
Current Limit not Asserted.
120
155
185
kHz
Oscillator TC
0.2
%/
°C
DC
Maximum Duty Cycle
75
86
95
%
tON
Switch On-Time
Current Limit not Asserted.
5.6
µs
Output Line Regulation
1.8V < VIN < 6V
q
0.06
0.15
%/V
VCESAT
Switch Saturation Voltage
ISW = 700mA
q
130
200
mV
Switch Leakage Current
VSW = 5V, Switch Off
q
0.1
10
µA
Peak Switch Current
ILIM Floating (See Typical Application)
0.75
1.0
1.25
A
(Internal Trip Point)
ILIM Grounded
0.4
A
VSHDNH
Shutdown Pin High
q
1.8
V
VSHDNL
Shutdown Pin Low
0.5
V
VSELH
Select Pin High
q
1.5
V
VSELL
Select Pin Low
q
0.8
V
ISHDN
Shutdown Pin Bias Current
VSHDN = 5V
q
820
µA
VSHDN = 2V
q
3
µA
VSHDN = 0V
q
0.1
1
µA
ISEL
Select Pin Bias Current
0V < VSEL < 5V
q
13
µA
ELECTRICAL CHARACTERISTICS T
A = 25°C, VIN = 2V unless otherwise noted.
The q denotes specifications which apply over the 0
°C to 70°C
temperature range.
ORDER PART
NUMBER
Note 1: Hysteresis specified is DC. Output ripple may be higher if
output capacitance is insufficient or capacitor ESR is excessive.
See operation section.
LT1301CN8
LT1301CS8
LT1301IS8
1
2
3
4
8
7
6
5
TOP VIEW
GND
SEL
SHDN
SENSE
PGND
SW
VIN
ILIM
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SOIC
TJMAX = 100°C, θJA = 150°C/ W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com