Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1301 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1301
Description  Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1301 Datasheet(HTML) 1 Page - Linear Technology

  LT1301 Datasheet HTML 1Page - Linear Technology LT1301 Datasheet HTML 2Page - Linear Technology LT1301 Datasheet HTML 3Page - Linear Technology LT1301 Datasheet HTML 4Page - Linear Technology LT1301 Datasheet HTML 5Page - Linear Technology LT1301 Datasheet HTML 6Page - Linear Technology LT1301 Datasheet HTML 7Page - Linear Technology LT1301 Datasheet HTML 8Page - Linear Technology LT1301 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1301
s
12V at 120mA from 5V or 3.3V Supply
s
Supply Voltage as Low as 1.8V
s
Better High Current Efficiency Than CMOS
s
Up to 89% Efficiency
s
120
µA Quiescent Current
s
Shutdown to 10
µA
s
Programmable 5V or 12V Output
s
Low VCESAT Switch: 170mV at 1A Typical
s
ILIM Pin Programs Peak Switch Current
s
Uses Inexpensive Surface Mount Inductors
s
8-Lead DIP or SOIC Package
s
Flash Memory VPP Generator
s
Palmtop Computers
s
Portable Instruments
s
Bar-Code Scanners
s
Personal Digital Assistants
s
PCMCIA Cards
The LT1301 is a micropower step-up DC/DC converter that
utilizes Burst Mode™ operation. The device can deliver 5V
or 12V from a two-cell battery input. It features program-
mable 5V or 12V output via a logic-controlled input, no-
load quiescent current of 120
µAandashutdownpinwhich
reduces supply current to 10
µA.Theon-chippowerswitch
has a low 170mV saturation voltage at a switch current of
1A, a four-fold reduction over prior designs. A 155kHz
internal oscillator allows the use of extremely small sur-
face mount inductors and capacitors. Operation is guaran-
teed at 1.8V input. This allows more energy to be extracted
from the battery, increasing operating life. The ILIM pin can
be used for soft start or to program peak switch current
with a single resistor allowing the use of even smaller
inductors in lighter load applications. The LT1301 is
available in an 8-lead SOIC package, minimizing board
space requirements. For a selectable 3.3V/5V step-up
converter, please see the LT1300. For higher output
power, see the LT1302.
DESCRIPTION
FEATURES
TYPICAL APPLICATIONS N
Micropower High Efficiency
5V/12V Step-Up DC/DC
Converter for Flash Memory
APPLICATIONS
LT1300 F2
Figure 1. 3.3V/5V to 12V Step-Up Converter
1ms/DIV
VIN = 5V, VOUT = 12V
LOAD = 100
Ω
Output Voltage
12V
VOUT
2V/DIV
LT1301 TAO1
Efficiency
LOAD CURRENT (mA)
10
100
300
LT1301 TA2
1
0
72
74
76
78
80
82
90
84
86
88
VIN = 5V
VIN = 3.3V
L1 = COILCRAFT DO3316-333
OR SUMIDA CD73-330KC
D1 = 1N5817 OR MOTOROLA
MBRS130LT3
C1 = AVX TPSD476M016R0100
OR SANYO OS-CON 165A47M
C2 = AVX TPSD336M020R0100
OR SANYO OS-CON 205A33M
SHUTDOWN
10V/DIV
Burst Mode is a trademark of Linear Technology Corporation.
C2
33µF
20V
12V
OUTPUT
+
L1
33µH
D1
C1
47µF
SW
ILIM
PGND
GND
SENSE
LT1301
SELECT
LT1301 F1
5V
OR
3.3V
SHDN
SHUTDOWN
N/C
VIN
+
0.1µF*
*REQUIRED FOR 5V OUTPUT


Similar Part No. - LT1301

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1301 LINER-LT1301 Datasheet
286Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1301C LINER-LT1301C Datasheet
286Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1301CN8 LINER-LT1301CN8 Datasheet
286Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1301CS8 LINER-LT1301CS8 Datasheet
286Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1301I LINER-LT1301I Datasheet
286Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
More results

Similar Description - LT1301

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1106 LINER-LT1106 Datasheet
223Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1109A LINER-LT1109A Datasheet
206Kb / 8P
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1300 LINER-LT1300 Datasheet
242Kb / 8P
Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter
LT1301 LINER-LT1301 Datasheet
286Kb / 12P
Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1106 LINER-LT1106_02 Datasheet
264Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1109A LINER-LT1109A_03 Datasheet
153Kb / 8P
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1109A LINER-LT1109A_15 Datasheet
163Kb / 8P
Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1309 LINER-LT1309_15 Datasheet
330Kb / 8P
500kHz Micropower DC/DC Converter for Flash Memory
LT1300 LINER-LT1300_15 Datasheet
229Kb / 8P
Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com