Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1302 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1302
Description  Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1302 Datasheet(HTML) 3 Page - Linear Technology

  LT1302 Datasheet HTML 1Page - Linear Technology LT1302 Datasheet HTML 2Page - Linear Technology LT1302 Datasheet HTML 3Page - Linear Technology LT1302 Datasheet HTML 4Page - Linear Technology LT1302 Datasheet HTML 5Page - Linear Technology LT1302 Datasheet HTML 6Page - Linear Technology LT1302 Datasheet HTML 7Page - Linear Technology LT1302 Datasheet HTML 8Page - Linear Technology LT1302 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1302/LT1302-5
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
–50
400
350
300
250
200
150
100
–25
025
50
1302 G03
75
100
ISW = 2A
TEMPERATURE (
°C)
–50
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
1.210
1.205
1.200
–25
025
50
1302 G04
75
100
SUPPLY VOLTAGE (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
500
450
400
350
300
250
200
150
100
50
0
1302 G01
TA = 25°C
No-Load Quiescent Current
Circuit of Figure 1
TEMPERATURE (
°C)
–50
600
500
400
300
200
100
0
–25
025
50
1302 G05
75
100
TEMPERATURE (
°C)
–50
300
250
200
150
100
50
0
–25
025
50
1302 G06
75
100
VIN = 2.5V
SWITCH OFF
TEMPERATURE (
°C)
–50
30
25
20
15
10
5
0
–25
025
50
1302 G07
75
100
TEMPERATURE (
°C)
–50
5.100
5.075
5.050
5.025
5.000
4.975
4.950
4.925
4.900
–25
025
50
1302 G08
75
100
TEMPERATURE (
°C)
–50
5.0
4.5
4.0
3.5
3.0
2.5
2.0
–25
025
50
1302 G09
75
100
SWITCH CURRENT (A)
0
600
500
400
300
200
100
0
12
3
4
1302 G02
TA = 25°C
Switch Saturation Voltage
Switch Saturation Voltage
LT1302 Feedback Voltage
LT1302-5 Sense Pin Resistance
Quiescent Current
Error Amplifier Offset Voltage
LT1302-5 Output Voltage
Maximum On-Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com