Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1362 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1362
Description  Dual and Quad 50MHz, 800V/s Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1362 Datasheet(HTML) 4 Page - Linear Technology

  LT1362 Datasheet HTML 1Page - Linear Technology LT1362 Datasheet HTML 2Page - Linear Technology LT1362 Datasheet HTML 3Page - Linear Technology LT1362 Datasheet HTML 4Page - Linear Technology LT1362 Datasheet HTML 5Page - Linear Technology LT1362 Datasheet HTML 6Page - Linear Technology LT1362 Datasheet HTML 7Page - Linear Technology LT1362 Datasheet HTML 8Page - Linear Technology LT1362 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1361/LT1362
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
±15V
q
1.5
mV
±5V
q
1.5
mV
±2.5V
q
1.7
mV
Input VOS Drift
(Note 7)
±2.5V to ±15V
q
912
µV/°C
IOS
Input Offset Current
±2.5V to ±15V
q
350
nA
IB
Input Bias Current
±2.5V to ±15V
q
1.5
µA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
q
84
dB
VCM = ±2.5V
±5V
q
77
dB
VCM = ±0.5V
±2.5V
q
66
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±15V
q
91
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 1k
±15V
q
3.6
V/mV
VOUT = ±10V, RL = 500Ω±15V
q
2.4
V/mV
VOUT = ±2.5V, RL = 500Ω±5V
q
2.4
V/mV
VOUT = ±2.5V, RL = 150Ω±5V
q
1.0
V/mV
VOUT = ±1V, RL = 500Ω±2.5V
q
2.0
V/mV
VOUT
Output Swing
RL = 1k, VIN = ±40mV
±15V
q
13.4
±V
RL = 500Ω, VIN = ±40mV
±15V
q
12.8
±V
RL = 500Ω, VIN = ±40mV
±5V
q
3.4
±V
RL = 150Ω, VIN = ±40mV
±5V
q
3.1
±V
RL = 500Ω, VIN = ±40mV
±2.5V
q
1.2
±V
IOUT
Output Current
VOUT = ±12.8V
±15V
q
25
mA
VOUT = ±3.1V
±5V
q
20
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
q
32
mA
SR
Slew Rate
AV = – 2, (Note 5)
±15V
q
475
V/
µs
±5V
q
185
V/
µs
GBW
Gain Bandwidth
f = 200kHz
±15V
q
31
MHz
±5V
q
22
MHz
Channel Separation
VOUT = ±10V, RL = 500Ω±15V
q
98
dB
IS
Supply Current
Each Amplifier
±15V
q
5.8
mA
Each Amplifier
±5V
q
5.6
mA
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
±15V
q
2.0
mV
±5V
q
2.0
mV
±2.5V
q
2.2
mV
Input VOS Drift
(Note 7)
±2.5V to ±15V
q
912
µV/°C
IOS
Input Offset Current
±2.5V to ±15V
q
400
nA
IB
Input Bias Current
±2.5V to ±15V
q
1.8
µA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
q
84
dB
VCM = ±2.5V
±5V
q
77
dB
VCM = ±0.5V
±2.5V
q
66
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±15V
q
90
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 1k
±15V
q
2.5
V/mV
VOUT = ±10V, RL = 500Ω±15V
q
1.5
V/mV
VOUT = ±2.5V, RL = 500Ω±5V
q
1.5
V/mV
VOUT = ±2.5V, RL = 150Ω±5V
q
0.6
V/mV
VOUT = ±1V, RL = 500Ω±2.5V
q
1.3
V/mV
The q denotes the specifications which apply over the temperature range – 40
°C ≤ TA ≤ 85°C, VCM = 0V unless otherwise noted. (Note 9)
The q denotes the specifications which apply over the temperature range
0
°C ≤ TA ≤ 70°C, VCM = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com