Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1616 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1616
Description  600mA, 1.4MHz Step-Down Switching Regulator in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1616 Datasheet(HTML) 2 Page - Linear Technology

  LT1616_15 Datasheet HTML 1Page - Linear Technology LT1616_15 Datasheet HTML 2Page - Linear Technology LT1616_15 Datasheet HTML 3Page - Linear Technology LT1616_15 Datasheet HTML 4Page - Linear Technology LT1616_15 Datasheet HTML 5Page - Linear Technology LT1616_15 Datasheet HTML 6Page - Linear Technology LT1616_15 Datasheet HTML 7Page - Linear Technology LT1616_15 Datasheet HTML 8Page - Linear Technology LT1616_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1616
(Note 1)
Input Voltage (VIN) ................................................. 25V
BOOST Pin Voltage ................................................. 35V
BOOST Pin Above SW Pin ...................................... 25V
SHDN Pin ............................................................... 25V
FB Voltage ................................................................ 6V
Current Into FB Pin ...............................................
±1mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Maximum Junction Temperature .......................... 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 125°C, θJA = 250°C/ W
ORDER PART
NUMBER
S6 PART MARKING
LT1616ES6
LTNB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Undervoltage Lockout
3.35
3.6
V
Feedback Voltage
q
1.225
1.25
1.275
V
FB Pin Bias Current
VFB = Measured VREF + 10mV
q
150
600
nA
Quiescent Current
Not Switching
1.9
2.5
mA
Quiescent Current in Shutdown
VSHDN = 0V
0.01
2
µA
Reference Line Regulation
VIN = 5V to 25V
0.005
%/V
Switching Frequency
VFB = 1.1V
q
1
1.4
1.8
MHz
Frequency Shift Threshold on FB Pin
fSW = 700kHz
0.44
V
Maximum Duty Cycle
q
80
87
%
Switch Current Limit
(Note 3)
630
850
mA
Switch VCESAT
ISW = 300mA
220
350
mV
Switch Leakage Current
10
µA
Minimum Boost Voltage Above Switch
ISW = 300mA
1.6
2.5
V
BOOST Pin Current
ISW = 300mA
7
12
mA
SHDN Input Voltage High
1.8
V
SHDN Input Voltage Low
0.4
V
SHDN Bias Current
VSHDN = 3V
8
15
µA
VSHDN = 0V
0.01
0.1
µA
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 10V, VBOOST = 15V, unless otherwise noted. (Note 2)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
BOOST 1
GND 2
FB 3
6 SW
5 VIN
4 SHDN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LT1616E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycle.
Consult factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com