Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1639 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1639
Description  1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1639 Datasheet(HTML) 2 Page - Linear Technology

  LT1639_15 Datasheet HTML 1Page - Linear Technology LT1639_15 Datasheet HTML 2Page - Linear Technology LT1639_15 Datasheet HTML 3Page - Linear Technology LT1639_15 Datasheet HTML 4Page - Linear Technology LT1639_15 Datasheet HTML 5Page - Linear Technology LT1639_15 Datasheet HTML 6Page - Linear Technology LT1639_15 Datasheet HTML 7Page - Linear Technology LT1639_15 Datasheet HTML 8Page - Linear Technology LT1639_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LT1638/LT1639
2
16389fg
ABSOLUTE MAXIMUM RATINGS
Specified Temperature Range (Note 4)
LT1638C/LT1639C................................–40°C to 85°C
LT1638I/LT1639I ..................................–40°C to 85°C
LT1638H/LT1639H .............................–40°C to 125°C
Junction Temperature .......................................... 150°C
DD Package ...................................................... 125°C
Storage Temperature Range...................–65°C to 150°C
DD Package .......................................–65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
Total Supply Voltage (V + to V–) ................................44V
Input Differential Voltage...........................................44V
Input Current........................................................±25mA
Output Short-Circuit Duration (Note 2) ......... Continuous
Operating Temperature Range (Note 3)
LT1638C/LT1639C................................–40°C to 85°C
LT1638I/LT1639I ..................................–40°C to 85°C
LT1638H/LT1639H .............................–40°C to 125°C
(Note 1)
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
A
B
TJMAX = 150°C, θJA = 273°C/W
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
V+
OUT B
–IN B
+IN B
A
B
OUT A
–IN A
+IN A
V–
TJMAX = 150°C, θJA = 150°C/W (N8)
TJMAX = 150°C, θJA = 190°C/W (S8)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
A
B
TJMAX = 125°C, θJA = 43°C/W
UNDERSIDE METAL INTERNALLY CONNECTED TO V–
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TOP VIEW
N PACKAGE
14-LEAD PDIP
S PACKAGE
14-LEAD PLASTIC SO
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
A
D
B
C
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150°C, θJA = 160°C/W (S)
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com