Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1679 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1679
Description  Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1679 Datasheet(HTML) 2 Page - Linear Technology

  LT1679_15 Datasheet HTML 1Page - Linear Technology LT1679_15 Datasheet HTML 2Page - Linear Technology LT1679_15 Datasheet HTML 3Page - Linear Technology LT1679_15 Datasheet HTML 4Page - Linear Technology LT1679_15 Datasheet HTML 5Page - Linear Technology LT1679_15 Datasheet HTML 6Page - Linear Technology LT1679_15 Datasheet HTML 7Page - Linear Technology LT1679_15 Datasheet HTML 8Page - Linear Technology LT1679_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1678/LT1679
2
sn16789 16789fs
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 11)
35
100
µV
0°C ≤ TA ≤ 70°C
●
55
270
µV
–40°C ≤ TA ≤ 85°C
●
75
350
µV
VS =5V, VCM = VS + 0.1V
150
550
µV
VS =5V, VCM = VS – 0.3V, 0°C ≤ TA ≤ 70°C
●
180
750
µV
VS =5V, VCM = VS – 0.3V, – 40°C ≤ TA ≤ 85°C ●
200
1000
µV
VS =5V, VCM = – 0.1V
1.5
30
mV
VS =5V, VCM = 0V, 0°C ≤ TA ≤ 70°C
●
1.8
45
mV
VS =5V, VCM = 0V, – 40°C ≤ TA ≤ 85°C
●
2.0
50
mV
∆VOS
Average Input Offset Drift (Note 10)
●
0.40
3
µV/°C
∆Temp
IB
Input Bias Current
(Note 11)
±2
±20
nA
0°C ≤ TA ≤ 70°C
●
±3
±35
nA
–40°C ≤ TA ≤ 85°C
●
±7
±50
nA
VS = 5V, VCM = VS + 0.1V
0.19
0.40
µA
VS = 5V, VCM = VS – 0.3V, 0°C ≤ TA ≤ 70°C
●
0.19
0.60
µA
VS = 5V, VCM = VS – 0.3V, – 40°C ≤ TA ≤ 85°C ●
0.25
0.75
µA
VS = 5V, VCM = – 0.1V
– 5
– 0.41
µA
VS = 5V, VCM = 0V, 0°C ≤ TA ≤ 70°C
●
–8.4
– 0.45
µA
VS = 5V, VCM = 0V, – 40°C ≤ TA ≤ 85°C
●
–10
– 0.47
µA
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 3V, VCM = VO = 1.7V; VS = 5V, VCM = VO = 2.5V unless
otherwise noted.
ELECTRICAL CHARACTERISTICS
(Note 1)
Supply Voltage ...................................................... ±18V
Input Voltages (Note 2) ............ 0.3V Beyond Either Rail
Differential Input Current (Note 2) ..................... ± 25mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Storage Temperature Range ................. – 65°C to 150°C
ORDER PART
NUMBER
LT1678CS8
LT1678IS8
S8 PART MARKING
1678
1678I
TJMAX = 150°C, θJA = 190°C/ W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Lead Temperature (Soldering, 10 sec.)................. 300°C
Operating Temperature Range
(Note 4) ............................................. – 40°C to 85°C
Specified Temperature Range
(Note 5) ............................................. – 40°C to 85°C
ORDER PART
NUMBER
LT1679CS
LT1679IS
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
AD
C
B
TJMAX = 150°C, θJA = 160°C/ W
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
OUT A
V+
OUT B
–IN B
+IN B
–IN A
+IN A
V–
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com