Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1813 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1813
Description  Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 1 Page - Linear Technology

  LT1813 Datasheet HTML 1Page - Linear Technology LT1813 Datasheet HTML 2Page - Linear Technology LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1813/LT1814
18134fa
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
Dual/Quad 3mA, 100MHz,
750V/
µs Operational Amplifiers
The LT
®1813/LT1814 are dual and quad, low power, high
speed, very high slew rate operational amplifiers with
excellent DC performance. The LT1813/LT1814 feature
reduced supply current, lower input offset voltage, lower
input bias current and higher DC gain than other devices
with comparable bandwidth. The circuit topology is a
voltage feedback amplifier with the slewing characteris-
tics of a current feedback amplifier.
The output drives a 100
Ωloadto ±3.5Vwith ±5Vsupplies.
On a single 5V supply, the output swings from 1.1V to 3.9V
with a 100
Ω load connected to 2.5V. The amplifiers are
stable with a 1000pF capacitive load making them useful
in buffer and cable driver applications.
The LT1813/LT1814 are manufactured on Linear
Technology’s advanced low voltage complementary bipo-
lar process. The LT1813 dual op amp is available in
8-pin MSOP, SO and 3mm x 3mm low profile (0.8mm)
dual fine pitch leadless packages (DFN). The quad LT1814
is available in 14-pin SO and 16-pin SSOP packages. A
single version, the LT1812, is also available (see separate
data sheet).
■ 100MHz Gain Bandwidth Product
■ 750V/
µs Slew Rate
■ 3.6mA Maximum Supply Current per Amplifier
■ Tiny 3mm x 3mm x 0.8mm DFN Package
■ 8nV/
√Hz Input Noise Voltage
■ Unity-Gain Stable
■ 1.5mV Maximum Input Offset Voltage
■ 4
µA Maximum Input Bias Current
■ 400nA Maximum Input Offset Current
■ 40mA Minimum Output Current, VOUT = ±3V
■
±3.5V Minimum Input CMR, VS = ±5V
■ 30ns Settling Time to 0.1%, 5V Step
■ Specified at
±5V, Single 5V Supplies
■ Operating Temperature Range: –40
°C to 85°C
■ Active Filters
■ Wideband Amplifiers
■ Buffers
■ Video Amplification
■ Communication Receivers
■ Cable Drivers
■ Data Acquisition Systems
Bandpass Filter with Independently Settable Gain, Q and fC
Filter Frequency Response
, LTC and LT are registered trademarks of Linear Technology Corporation.
1/4 LT1814
RG
RQ
R
R1
RG
R
C
C
R1
RF
RF
R
VIN
GAIN =
1/4 LT1814
1/4 LT1814
BANDPASS
OUT
1/4 LT1814
1814 TA01
R1
RQ
Q =
1
2
πRFC
fC =
FREQUENCY (Hz)
0
1k
100k
1M
10M
1814 TA02
10k
R = 499
Ω
R1 = 499
Ω
RF = 475Ω
RQ = 49.9Ω
RG = 499Ω
C = 3.3nF
fC = 100kHz
Q = 10
GAIN = 1
VS = ±5V
VIN = 5VP-P
DISTORTION:
2nd < –76dB
3rd < –90dB
ACROSS FREQ
RANGE


Similar Part No. - LT1813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
logo
List of Unclassifed Man...
LT1813 ETC1-LT1813 Datasheet
61Kb / 1P
UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1813 LINER-LT1813 Datasheet
244Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
LT1813 LINER-LT1813 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT1813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
Quad 3mA, 100MHz, 750V/關s Operational Amplifier
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
Dual 3mA, 100MHz, 750V/s Operational Amplifi er
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
Quad 3mA, 100MHz, 750V/s Operational Amplifier
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com