Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1814 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1814
Description  Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1814 Datasheet(HTML) 2 Page - Linear Technology

  LT1814_15 Datasheet HTML 1Page - Linear Technology LT1814_15 Datasheet HTML 2Page - Linear Technology LT1814_15 Datasheet HTML 3Page - Linear Technology LT1814_15 Datasheet HTML 4Page - Linear Technology LT1814_15 Datasheet HTML 5Page - Linear Technology LT1814_15 Datasheet HTML 6Page - Linear Technology LT1814_15 Datasheet HTML 7Page - Linear Technology LT1814_15 Datasheet HTML 8Page - Linear Technology LT1814_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1813/LT1814
18134fa
Total Supply Voltage (V+ to V–)
LT1813/LT1814 ................................................ 12.6V
LT1813HV ........................................................ 13.5V
Differential Input Voltage (Transient Only, Note 2) ..
±6V
Input Voltage ............................................................
±VS
Output Short-Circuit Duration (Note 3) ........... Indefinite
Operating Temperature Range ................ – 40
°C to 85°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TJMAX = 150°C, θJA = 250°C/W
Consult LTC marketing for parts specified with wider operating temperature ranges. *See Note 9.
**The temperature grades are identified by a label on the shipping container.
Specified Temperature Range (Note 8) .. – 40
°C to 85°C
Maximum Junction Temperature ......................... 150
°C
(DD Package) ................................................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
(DD Package) ................................... – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
ORDER PART
NUMBER
LT1814CS
LT1814IS
1
2
3
4
OUTA
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 110°C/W
TOP VIEW
V +
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V –
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
B
A
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
+
–
+
–
A
B
D
C
LT1813DS8*
LT1813CS8
LT1813IS8
LT1813HVDS8*
LT1813HVCS8
LT1813HVIS8
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 150°C/W
LT1813DMS8*
MS8 PART MARKING
LTGZ
ORDER PART
NUMBER
S8 PART
MARKING
1813D
1813
1813I
813HVD
1813HV
813HVI
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
NC
+
–
+
–
A
B
D
C
TJMAX = 150°C, θJA = 135°C/W
ORDER PART
NUMBER
GN PART
MARKING
LT1814CGN
LT1814IGN
1814
1814I
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
UNDERSIDE METAL
INTERNALLY CONNECTED TO V–
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
B
A
TJMAX = 125°C, θJA = 160°C/W
ORDER PART
NUMBER
DD PART MARKING**
LT1813DDD*
LT1813CDD
LT1813IDD
LAAQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com