Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5519 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5519
Description  0.7GHz to 1.4GHz High Linearity Upconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5519 Datasheet(HTML) 2 Page - Linear Technology

  LT5519_15 Datasheet HTML 1Page - Linear Technology LT5519_15 Datasheet HTML 2Page - Linear Technology LT5519_15 Datasheet HTML 3Page - Linear Technology LT5519_15 Datasheet HTML 4Page - Linear Technology LT5519_15 Datasheet HTML 5Page - Linear Technology LT5519_15 Datasheet HTML 6Page - Linear Technology LT5519_15 Datasheet HTML 7Page - Linear Technology LT5519_15 Datasheet HTML 8Page - Linear Technology LT5519_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT5519
2
5519f
Supply Voltage ....................................................... 5.5V
Enable Voltage ............................. –0.3V to (VCC + 0.3V)
LO Input Power (Differential) ............................ +10dBm
LO+ to LO– Differential DC Voltage ..........................
±1V
LO+ and LO– DC Common Mode Voltage ...... –1V to VCC
IF Input Power (Differential) ............................. +10dBm
IF+ and IF– DC Currents ........................................ 25mA
RF+ to RF– Differential DC Voltage ......................
±0.13V
RF+ and RF– DC Common Mode Voltage ...... –1V to VCC
Operating Temperature Range .................–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Junction Temperature (TJ).................................... 125°C
ORDER PART
NUMBER
UF PART
MARKING
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB
5519
LT5519EUF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
16 15 14 13
5
6
7
8
TOP VIEW
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
GND
IF+
IF –
GND
GND
RF+
RF –
GND
17
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input Frequency Range
1 to 400
MHz
LO Input Frequency Range
300 to 1800
MHz
RF Output Frequency Range
700 to 1400
MHz
1GHz Application: VCC = 5VDC, EN = High, TA = 25°C, IF input = 140MHz at –10dBm, LO input = 1.14GHz at –5dBm, RF output measured
at 1GHz, unless otherwise noted. (Test circuit shown in Figure 2) (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input Return Loss
ZO = 50Ω, with External Matching
20
dB
LO Input Return Loss
ZO = 50Ω
17
dB
RF Output Return Loss
ZO = 50Ω
20
dB
LO Input Power
–10 to 0
dBm
Conversion Gain
–0.6
dB
Input 3rd Order Intercept
–10dBm/Tone,
∆f = 1MHz
17.1
dBm
Input 2nd Order Intercept
–10dBm, Single Tone
48
dBm
LO to RF Leakage
–44
dBm
LO to IF Leakage
–40
dBm
Input 1dB Compression
5.5
dBm
IF Common Mode Voltage
Internally Biased
1.77
VDC
Noise Figure
Single-Side Band
13.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com