Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2540 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2540
Description  EEPROM emulation in STR91xFxx devices
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2540 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2540 Datasheet HTML 5Page - STMicroelectronics AN2540 Datasheet HTML 6Page - STMicroelectronics AN2540 Datasheet HTML 7Page - STMicroelectronics AN2540 Datasheet HTML 8Page - STMicroelectronics AN2540 Datasheet HTML 9Page - STMicroelectronics AN2540 Datasheet HTML 10Page - STMicroelectronics AN2540 Datasheet HTML 11Page - STMicroelectronics AN2540 Datasheet HTML 12Page - STMicroelectronics AN2540 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AN2540 - Application note
Implementing the EEPROM emulation
9/25
3.2
1st method
Parameter records stored in EEPROM vary in size and update frequency. Users using this
method would usually know the update frequency in advance.
In this method, sector0 and sector1 in Bank1 are used. These Flash memory sectors are
write-accessed in order to store several non-volatile variables. For this purpose, they have to
be divided identically into several parts, one per variable. The size of the memory space
allocated to each variable depends on the variable update frequency. The first 16-bit value
of each variable is stored at the base address of the memory space allocated to the
variable. When the variable is updated, the new value is stored at the next available
address: Base address + 2, base address + 4 and so on until no room remains in the
allocated memory space.
The 1st method Emulation driver meets the following requirements:
●
At least two boot Flash memory sectors have to be used, more if possible for wear
leveling (refer to Section 4.2)
●
Minimum use of SRAM
●
Simple and easily updatable code model
●
User API consisting of EepromFormat, FindValidSector, WriteVariable, ReadVariable.
●
Clean-up and internal data management transparent to the user
●
Code in Main Flash memory, data storage in Secondary Flash memory
3.2.1
Application example
Let us assume that in sector0, three variables: A, B and C, will be stored and updated.
■ The first variable A value is stored at t0 and variable A(t) is updated every tA.
■ The second variable B value is stored at t1 and variable B(t) is updated every tB.
■ The third variable C value is stored at t2 and variable C(t) is updated every tC.
In a typical application, the majority of non-volatile data are seldom updated, only a few data
are updated more frequently.
Let us consider tC < tA< tB. This means that C is updated more often than A and B, and that
A is updated more often than B. So more memory space should be allocated to C than to A
and B, and A should have more space than B (refer to Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com