Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS7002V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS7002V
Description  Small Signal Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS7002V Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS7002V Datasheet HTML 1Page - Vishay Siliconix BAS7002V Datasheet HTML 2Page - Vishay Siliconix BAS7002V Datasheet HTML 3Page - Vishay Siliconix BAS7002V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS70-02V-V-G
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 21-Jan-13
1
Document Number: 82393
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diode
MECHANICAL DATA
Case: SOD-523
Weight: approx. 1.4 mg
Molding compound flammability rating: UL 94 V-0
Terminals: high temperature soldering guaranteed:
260 °C/10 s at terminals
Packaging codes/options:
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• This diode features very low turn-on voltage and
fast switching
• This device is protected by a PN junction guard
ring
against
excessive
voltage,
such
as
electrostatic discharges
• Space saving SOD-523 package
• Material
categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
22321
1
2
PARTS TABLE
PART
ORDERING CODE
INTERNAL CONSTRUCTION
TYPE MARKING
REMARKS
BAS70-02V-V-G
BAS70-02V-V-G-08
Single diode
.X
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
70
V
Forward continuous current
IF
100
mA
Surge forward current
IFSM
600
mA
Power dissipation
Ptot
150
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
RthJA
680
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reserve breakdown voltage
IR = 10 μA (pulsed)
V(BR)
70
V
Leakage current
VR = 50 V, tp < 300 μs
IR
20
100
nA
Forward voltage
tp < 300 μs, IF = 1.0 mA
VF
410
mV
tp < 300 μs, IF = 15 mA
VF
1000
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
1.5
2
pF
Reserve recovery time
IF = 10 mA, IR = 10 mA,
iR = 1 mA, RL = 100 
trr
5ns


Similar Part No. - BAS7002V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BAS7004 COMCHIP-BAS7004 Datasheet
447Kb / 2P
Small Signal Schottky Diodes
logo
AiT Semiconductor Inc.
BAS7004 AITSEMI-BAS7004 Datasheet
265Kb / 5P
SCHOTTKY DIODES 70mA, 70V
REV1.0
logo
Comchip Technology
BAS7004-G COMCHIP-BAS7004-G Datasheet
447Kb / 2P
Small Signal Schottky Diodes
logo
Motorola, Inc
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
CASE 318-08, STYLE 12 SOT-23 TO-236AB
logo
Infineon Technologies A...
BAS7004SH6327XTSA1 INFINEON-BAS7004SH6327XTSA1 Datasheet
289Kb / 23P
Silicon Schottky Diode
2006-01-19
More results

Similar Description - BAS7002V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com