Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2593 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2593
Description  STR91x interrupt management
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2593 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2593 Datasheet HTML 7Page - STMicroelectronics AN2593 Datasheet HTML 8Page - STMicroelectronics AN2593 Datasheet HTML 9Page - STMicroelectronics AN2593 Datasheet HTML 10Page - STMicroelectronics AN2593 Datasheet HTML 11Page - STMicroelectronics AN2593 Datasheet HTML 12Page - STMicroelectronics AN2593 Datasheet HTML 13Page - STMicroelectronics AN2593 Datasheet HTML 14Page - STMicroelectronics AN2593 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN2593
Spurious VIC interrupts
13/15
4
Spurious VIC interrupts
4.1
Definition
Spurious interrupts are a characteristic of the VIC. This is due to the pipelined architecture
of the ARM core.
We know that when an interrupt occurs and it has the highest priority level, the VIC signals
an IRQ interrupt to the CPU and the VIC0 vector address register is loaded with the ISR
address.
Now suppose that just after having asserted the IRQ signal to the CPU, due to certain root
causes which are explained in the next section (Section 4.2), the interrupt source to VIC is
cleared, then in this case the VIC0 vector address register won’t be loaded with the ISR
address because the interrupt source was cleared in VIC. Instead, a default value is loaded
from the Defaut Vector Address register VIC0_DVAR.
So consequently the CPU will then jump to the default vector instead of the interrupt ISR
address: this is what we call “Spurious Interrupt”.
4.2
Root causes and handling of spurious interrupts
The reason why an interrupt in VIC could get cleared before being serviced is the fact that
CPU continues to executes some code in the pipeline before servicing the interrupt, and this
code in the pipeline could either:
1.
Clear the interrupt flag in the peripheral, so the interrupt is no longer asserted to the
VIC
2.
The code in the ARM pipeline disables the interrupt in the VIC
Note:
The reset value of the VIC0 Default Vector Address register is 0x0 so when a spurious
interrupt occurs the CPU will jump to address 0x0, which gives a surprising RESET-like
behavior.
In some applications, you can not avoid the possiblility of spurious interrupts occurring.
An example of this, is when you are working on peripherals with FIFO support like UART, in
these peripherals, the FIFO receive/transmit interrupt flags may be cleared simply by a
read/write in the FIFO, so it could be possible that an interrupt has been signalled to the VIC
but you have executed some code in pipeline which accessed the FIFO.
In order to avoid the surprising reset-like behaviour, it is important to assign a dummy
handler to the Default vector address registers of VIC0 and VIC1.
VIC0->DVAR = (u32)Dummy_Handler;
VIC1->DVAR = (u32)Dummy_Handler;
In this dummy handler just write any value to VIC0 and VIC1 vector address registers.
void Dummy_Handler(void)
{
VIC0->VAR = 0xFF;
VIC1->VAR = 0XFF;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com