Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2595 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2595
Description  Designing an application with the ST10F27xZx devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2595 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2595 Datasheet HTML 9Page - STMicroelectronics AN2595 Datasheet HTML 10Page - STMicroelectronics AN2595 Datasheet HTML 11Page - STMicroelectronics AN2595 Datasheet HTML 12Page - STMicroelectronics AN2595 Datasheet HTML 13Page - STMicroelectronics AN2595 Datasheet HTML 14Page - STMicroelectronics AN2595 Datasheet HTML 15Page - STMicroelectronics AN2595 Datasheet HTML 16Page - STMicroelectronics AN2595 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN2595 - Application note
Filtering / decoupling
13/20
3.3
Filtering / EMC
As ST10F27xZx has an internal voltage regulator, +5V pins are not differentiated between
output-buffers and internal logic. This means that when EMC filters are used to isolate the
CPU from the supply, all ST10F27xZx supply pins should be isolated with the filter(s).
Example of filter
Filter placed on supply line of the CPU to remove the conducted noise from the supply line
of the module (as illustrated in Figure 5).
Figure 5.
Filter based on discrete components
3.4
Unused general purpose pins
Unused pins may be an additional source of noise if not properly connected.
Used pins must NOT be left floating.
Two configurations are possible:
1.
Unused pins configured as input (default after reset)
Connect the unused pin to VSS (directly or via a pull-down resistor)
2.
Unused pin configured as output (by user software)
The software sets the corresponding bit of the Direction Port Registers (DPPx) to
configure an unused pin as an output (set direction bit to 1) with level to VSS (data bit to
0, default after reset). In this condition, the pad can be left unconnected on the board.
Note:
Avoiding floating pins in an application also ensures a good control on power consumption.
●
Special handling for pins of Port 0 and Port 6
On the pins of Port 0 and Port 6, internal pull-ups are present (under Reset only). Our
recommendation is: to keep them open and configured by software as output (set direction
bit to 1) with output = 0 (data = 0).
●
Special handling for pin P3.12 and BHE functionality
The pin P3.12 can be used as the BHE (Byte High Enable) signal for the external memory
interface. The BHE alternate function is automatically enabled when the startup
configuration under Reset selects a 16-bit data bus.
C
L
L
VDD pins
VSS pins
+5 V plane
GND plane
Filter connected to supply line of the CPU
ST10F269
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com