Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2628 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2628
Description  Programming ST10F27x CAN interrupt drivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2628 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2628 Datasheet HTML 19Page - STMicroelectronics AN2628 Datasheet HTML 20Page - STMicroelectronics AN2628 Datasheet HTML 21Page - STMicroelectronics AN2628 Datasheet HTML 22Page - STMicroelectronics AN2628 Datasheet HTML 23Page - STMicroelectronics AN2628 Datasheet HTML 24Page - STMicroelectronics AN2628 Datasheet HTML 25Page - STMicroelectronics AN2628 Datasheet HTML 26Page - STMicroelectronics AN2628 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
AN2628
Message object register definition
23/27
Appendix B
Message object register definition
B.1
CCAN_drvs.h
/******************************************************************
************/
// CAN Cell Base Addresses
/******************************************************************
************/
#define CAN1
(unsigned int*)0xEF00
#define CAN2
(unsigned int*)0xEE00
/******************************************************************
************/
// CAN register Offsets
// Since these are offsets to a pointer of type (unsigned int*)
// Tasking requires that they be in WORD values, or else the
compiler doubles them
/******************************************************************
**/
#define CAN_CR
0x0000 // 0x0000 Control Register
#define CAN_SR
0x0001 // 0x0002 Status Register
#define CAN_EC
0x0002 // 0x0004 Error Counter Register
#define CAN_BTR
0x0003 // 0x0006 Bit Timing Register
#define CAN_IR
0x0004 // 0x0008 Interrupt Register
#define CAN_TR
0x0005 // 0x000A Test Register
#define CAN_BRPER
0x0006 // 0x000C BRP Extension Register
#define CAN_IF1_CR
0x0008 // 0x0010 Command Request Register
#define CAN_IF1_CM
0x0009 // 0x0012 Command Mask Register
#define CAN_IF1_M1
0x000A // 0x0014 Mask 1 Register
#define CAN_IF1_M2
0x000B // 0x0016 Mask 2 Register
#define CAN_IF1_A1
0x000C // 0x0018 Arbitration 1 Register
#define CAN_IF1_A2
0x000D // 0x001A Arbitration 2 Register
#define CAN_IF1_MC
0x000E // 0x001C Message Control Register
#define CAN_IF1_DA1
0x000F // 0x001E Data A1 Register
#define CAN_IF1_DA2
0x0010 // 0x0020 Data A2 Register
#define CAN_IF1_DB1
0x0011 // 0x0022 Data B1 Register
#define CAN_IF1_DB2
0x0012 // 0x0024 Data B2 Register
#define CAN_IF2_CR
0x0020 // 0x0040 Command Request Register
#define CAN_IF2_CM
0x0021 // 0x0042 Command Mask Register
#define CAN_IF2_M1
0x0022 // 0x0044 Mask 1 Register
#define CAN_IF2_M2
0x0023 // 0x0046 Mask 2 Register
#define CAN_IF2_A1
0x0024 // 0x0048 Arbitration 1 Register
#define CAN_IF2_A2
0x0025 // 0x004A Arbitration 2 Register
#define CAN_IF2_MC
0x0026 // 0x004C Message Control Register
#define CAN_IF2_DA1
0x0027 // 0x004E Data A1 Register
#define CAN_IF2_DA2
0x0028 // 0x0050 Data A2 Register
#define CAN_IF2_DB1
0x0029 // 0x0052 Data B1 Register
#define CAN_IF2_DB2
0x002A // 0x0054 Data B2 Register
#define CAN_TR1
0x0040 // 0x0080 Transmit Request 1 Register
#define CAN_TR2
0x0041 // 0x0082 Transmit Request 2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com