Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2692 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2692
Description  How to program/reprogram the ST10F269Zx Flash memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2692 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2692 Datasheet HTML 19Page - STMicroelectronics AN2692 Datasheet HTML 20Page - STMicroelectronics AN2692 Datasheet HTML 21Page - STMicroelectronics AN2692 Datasheet HTML 22Page - STMicroelectronics AN2692 Datasheet HTML 23Page - STMicroelectronics AN2692 Datasheet HTML 24Page - STMicroelectronics AN2692 Datasheet HTML 25Page - STMicroelectronics AN2692 Datasheet HTML 26Page - STMicroelectronics AN2692 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN2692
Embedded application aspects
23/29
As a consequence:
●
Block 0 (that starts at physical address: 00 0000h) should never be erased during field
reprogramming.
●
Block 0 should contain all the routines that make it possible to restart the
reprogramming routines (if those routines are in another block, this block also should
never be erased).
Note:
This restriction on block 0 does not apply if the ST10F269Zx Bootstrap Loader mode is used
for field reprogramming (see Code protection and bootstrap loader on page 18 paragraph if
code protection is used).
Flash bock write protection
It is recommended to use the Flash memory Set Block Protection command to protect the
block(s) which contains all the needed software to restart the reprogramming routines. Any
inadvertent Chip Erase command will not affect those protected blocks.
Reset and other blocks
Suggested method of handling: reset during erase and/or program should be detected
externally. In such a case, the entire "erasing" or "erasing + programming" process should
be restarted. Detection of reset during erasing or reprogramming should be done by
external resources (hardware, protocol between ST10 and the programming station).
3.2.3
List of events and suggested handling methods
Supply variations
The ST10F269Zx supply must remain within the supply voltage range specified in the
published datasheet during any erase or program command.
Detection method
Specific hardware should be added to monitor the supply, and reset the device when the
ST10F269Zx supply is going out of the functional specification (see datasheet).
Suggested handling method
Restart the whole reprogramming sequence at module level (i.e.: erasing + programing).
Note:
As for any other parameter, the ST10F269Zx supply should stay within the maximum
absolute ratings defined in the published datasheet.
Temperature out of specification
Temperature during erase, program and operation has an influence on the reliability of
ST10F269Zx devices.
The embedded Flash memory may be programmed and erased only while the junction
temperature is within the range specified in the ST published datasheet (see ST10F269Zx
datasheet).
Failure to keep the device within the temperature ranges specified in the product datasheet
could result in degraded reliability (lower number of erase cycles, lower data retention).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com