Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2703 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2703
Description  All datasheet parameters are rated as minimum or maximum values
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2703 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2703 Datasheet HTML 1Page - STMicroelectronics AN2703 Datasheet HTML 2Page - STMicroelectronics AN2703 Datasheet HTML 3Page - STMicroelectronics AN2703 Datasheet HTML 4Page - STMicroelectronics AN2703 Datasheet HTML 5Page - STMicroelectronics AN2703 Datasheet HTML 6Page - STMicroelectronics AN2703 Datasheet HTML 7Page - STMicroelectronics AN2703 Datasheet HTML 8Page - STMicroelectronics AN2703 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Parameters
AN2703
4/9
IH
Holding current
This is the current level circulating through anode and cathode (or A2 and A1 for
a TRIAC) under which the device turns off, without gate current.
IL
Latching current
This is the current level circulating through anode and cathode (or A2 and A1 for
a TRIAC) to keep the device conducting after removal of the gate current.
If the anode current is under this value after having removed the gate current,
the device switches off. For TRIACs, the IL value is higher in Q2 quadrant.
dV/dt
Critical rate of rise of off-state voltage
This is the maximum value of rate of the rising voltage that can be applied
across anode and cathode of the SCR (or across A2 and A1 for a TRIAC)
without risking turning it on spuriously.
(dI/dt)c
Critical rate of decrease of commutating on-state current
This is the maximum rate of decrease of the anode current allowed to turn the
TRIAC off. Above this value, the TRIAC can remains ON in next reverse polarity.
For standard, logic level TRIACs and ACSs, the (dI/dt)c is specified with a limited
(dV/dt)c parameter.
For Snubberless TRIACs, this value is specified without it.
(dV/dt)c
Critical rate of rise of commutating off-state voltage
This is the maximum rate of rise of the reapplied voltage during turn-off. Above
this limit, the TRIAC may remain ON without any gate current.
VCL
Clamping voltage
This is the voltage level, applied across OUT and COM terminals, from which
the device enters in avalanche mode. It is only defined for ACS and ACST
devices which internally feature an overvoltage protection capability.
VBO
Breakover voltage
This is the voltage measured across the terminals of a DIAC or across OUT and
COM terminals of an ACS/ACST, when the device current reaches its IBO level
(no gate current). Above this point, the device will turn on in breakover mode.
IBO
Breakover current
This is current flowing through a DIAC or an ACS just before that the device
switches on in the breakover mode.
VTM
Peak on-state voltage drop
This is the voltage across the device while it is on-state. It is specified at the
peak current corresponding to the IT(RMS) current of the device.
VF
Peak forward voltage drop
This is the voltage across a diode when the diode is conducting.
Table 2.
Electrical characteristics parameters (continued)
Parameter
Name and description



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com