Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2752 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2752
Description  Getting started with the STM8S and STM8A
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2752 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2752 Datasheet HTML 9Page - STMicroelectronics AN2752 Datasheet HTML 10Page - STMicroelectronics AN2752 Datasheet HTML 11Page - STMicroelectronics AN2752 Datasheet HTML 12Page - STMicroelectronics AN2752 Datasheet HTML 13Page - STMicroelectronics AN2752 Datasheet HTML 14Page - STMicroelectronics AN2752 Datasheet HTML 15Page - STMicroelectronics AN2752 Datasheet HTML 16Page - STMicroelectronics AN2752 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AN2752
Clock management
Doc ID 14651 Rev 5
13/40
Figure 6.
Clock sources
The values of the load capacitors CL1 and CL2 are heavily dependent on the crystal type and
frequency. The user can refer to the datasheet of the crystal manufacturer to select the
capacitances. For best oscillation stability CL1 and CL2 normally have the same value.
Typical values are in the range from below 20 pF up to 40 pF (cload: 10 … 20 pF). The
parasitic capacitance of the board layout also needs to be considered and typically adds a
few pF to the component values.
Recommendations
In the PCB layout all connections should be as short as possible. Any additional signals,
especially those that could interfere with the oscillator, should be locally separated from the
PCB area around the oscillation circuit using suitable shielding.
Hardware configuration
Frequency: 32 kHz … 24 MHz
Comparator hysteresis: 0.1 * VDD
Caution: Without prescaler, a duty cycle of maximum 45/55% must be respected
Frequency range: 1-24 MHz
Wake-up time: < 2 ms @ 24 MHz
Oscillation mode: Preferred fundamental
Output duty cycle: Max 55/45%
I/O’s: Standard I/O pins multiplexed with OSCIN and OSCOUT
Cload: 10 … 20 pF
Maximum crystal power: 100 µW
OSCIN
OSCOUT
External source
STM8
(I/O available)
Load capacitors
STM8
CL2
CL1
Q1
OSCIN
OSCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com