Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2822 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2822
Description  STM8S and STM8A high speed internal oscillator calibration
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2822 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2822 Datasheet HTML 9Page - STMicroelectronics AN2822 Datasheet HTML 10Page - STMicroelectronics AN2822 Datasheet HTML 11Page - STMicroelectronics AN2822 Datasheet HTML 12Page - STMicroelectronics AN2822 Datasheet HTML 13Page - STMicroelectronics AN2822 Datasheet HTML 14Page - STMicroelectronics AN2822 Datasheet HTML 15Page - STMicroelectronics AN2822 Datasheet HTML 16Page - STMicroelectronics AN2822 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AN2822
High speed internal oscillator trimming
Doc ID 14983 Rev 2
13/19
The combined standard uncertainty of the HSI frequency measurement can be calculated
by the equation bellow.
When the calibration is finished, the oscillator output frequency will be at maximum
±1/2 of
the frequency trimming step,
Δftrim, far from the desired frequency. This finite regulation
steps causing additional uncertainty which can be expressed(e) by the following equation.
The total combined uncertainty of the HSI frequency can be expressed using the equation
below.
Example
Let’s consider as a calibration signal mains, fcal, with a frequency of 50 Hz with accuracy,
δfcal, in the range of ±1%, number of calibration signal periods L = 4 and a desired output
frequency 16 MHz. Evaluation of the uncertainty of input quantities and sensitivity
coefficients are the following.
e.
Assuming a uniform distribution of the HSI output frequency uncertainty.
c
N
HSI
N
HSI
∂
∂f
HSIm
f
cal
L
--------
==
c
f
cal
f
cal
∂
∂f
HSIm
N
HSI
L
-------------
==
u
c
2
f
HSIm
()
c
i
2
ui
()
2
i
∑
f
cal
L
--------
⎝⎠
⎛⎞
2
1
3
-------
⎝⎠
⎛⎞ 2
N
HSI
L
-------------
⎝⎠
⎛⎞
2 f
cal δfcal
100 3
-----------------------
⎝⎠
⎛⎞
2
+
==
uf
trim
()
Δf
trim
23
--------------
=
uf
HSI
()
u
2
f
trim
() u
c
2
f
HSIm
()
+
=
uN
HSI
()
1
3
-------
1.732
≅
=
uf
cal
()
f
cal δfcal
100 3
-----------------------
50
100 3
-----------------
0.286
≅
==
c
N
HSI
N
HSI
∂
∂f
HSIm
f
cal
L
--------
12.5
≅
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com