Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS374FPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LS374FPEL
Description  Octal D-type Edge-triggered Flip-Flops (with three-state outputs)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS374FPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LS374FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS374FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS374FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS374FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS374FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS374FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS374FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LS374FPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LS374FPEL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD74LS374
Rev.2.00, Feb.18.2005, page 5 of 7
Waveforms 1
VOH
VOL
0V
3V
0V
3V
Data
Clock
Q
tTLH
tTHL
10%
90%
1.3 V
1.3 V
1.3 V
1.3 V
S1, S2 Closed
10%
90%
tTHL
tPHL
1.3 V
10%
90%
tTLH
tsu
th
tsu
th
tPLH
10%
tw
tw
90%
1.3 V
1.3 V
1.3 V
Notes:
1.
Input pulse; tTLH
≤ 15 ns, t
THL
≤ 6 ns
Clock input; PRR = 1 MHz, duty cycle 50%
Data input pulse; PRR = 500 kHz, duty cycle 50%
2.
ƒ
max: tTLH
≤ 2.5 ns, t
THL
≤ 2.5 ns
Waveforms 2
Output
Control
Waveform A
S1 closed,
S2 open
S1, S2 closed
S1 open,
S2 closed
S1, S2 closed
Waveform B
1.3V
1.3V
1.3V
1.3V
0.5V
0.5V
tTHL
tTLH
tZL
tLZ
tHZ
tZH
VOH
VOL
0V
0V
3V
4.5V
10%
10%
90%
90%
1.5V
1.5V
Notes:
1.
Input pulse; tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle 50%
2.
Waveform A if for an output with internal conditions such that the output is low except when
disabled by the output control. Waveform B is for an output with internal conditions such that
the output is high except when disabled by the output control.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com