Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6301 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6301
Description  Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6301 Datasheet(HTML) 2 Page - Linear Technology

  LT6301_15 Datasheet HTML 1Page - Linear Technology LT6301_15 Datasheet HTML 2Page - Linear Technology LT6301_15 Datasheet HTML 3Page - Linear Technology LT6301_15 Datasheet HTML 4Page - Linear Technology LT6301_15 Datasheet HTML 5Page - Linear Technology LT6301_15 Datasheet HTML 6Page - Linear Technology LT6301_15 Datasheet HTML 7Page - Linear Technology LT6301_15 Datasheet HTML 8Page - Linear Technology LT6301_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT6301
sn6301 6301f
ORDER PART
NUMBER
Supply Voltage (V + to V –) .................................
±13.5V
Input Current .....................................................
±10mA
Output Short-Circuit Duration (Note 2) ........... Indefinite
Operating Temperature Range ............... – 40
°C to 85°C
Specified Temperature Range (Note 3) .. – 40
°C to 85°C
Junction Temperature .......................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LT6301CFE
LT6301IFE
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
TJMAX = 150°C, θJA = 25°C/W (NOTE 4)
UNDERSIDE METAL CONNECTED TO V –
ELECTRICAL CHARACTERISTICS
The q denotes the specifications which apply over the full specified temperature range, otherwise specifications are at TA = 25°C.
VCM = 0V, pulse tested, ±5V ≤ VS ≤ ±12V, VSHDNREF = 0V, RBIAS = 24.9k between V+ and SHDN unless otherwise noted. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
15.0
mV
q
7.5
mV
Input Offset Voltage Matching
(Note 6)
0.3
5.0
mV
q
7.5
mV
Input Offset Voltage Drift
q
10
µV/°C
IOS
Input Offset Current
100
500
nA
q
800
nA
IB
Input Bias Current
±0.1
±4
µA
q
±6
µA
Input Bias Current Matching
(Note 6)
100
500
nA
q
800
nA
en
Input Noise Voltage Density
f = 10kHz
8
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
0.8
pA/
√Hz
RIN
Input Resistance
VCM = (V
+ – 2V) to (V–+ 2V)
q
550
M
Ω
Differential
6.5
M
Ω
CIN
Input Capacitance
3pF
Input Voltage Range (Positive)
(Note 5)
q
V+ – 2
V+ – 1
V
Input Voltage Range (Negative)
(Note 5)
q
V– + 1
V– + 2
V
CMRR
Common Mode Rejection Ratio
VCM = (V+ – 2V) to (V– + 2V)
74
83
dB
q
66
dB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V–
–IN A
+IN A
SHDN1
SHDNREF1
+IN B
–IN B
–IN C
+IN C
SHDN2
SHDNREF2
+IN D
–IN D
V–
V–
V–
OUT A
V+
V+
OUT B
V–
V–
OUT C
V+
V+
OUT D
V–
V–
A
B
C
D
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com