Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6600-10 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6600-10
Description  Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600-10 Datasheet(HTML) 2 Page - Linear Technology

  LT6600-10 Datasheet HTML 1Page - Linear Technology LT6600-10 Datasheet HTML 2Page - Linear Technology LT6600-10 Datasheet HTML 3Page - Linear Technology LT6600-10 Datasheet HTML 4Page - Linear Technology LT6600-10 Datasheet HTML 5Page - Linear Technology LT6600-10 Datasheet HTML 6Page - Linear Technology LT6600-10 Datasheet HTML 7Page - Linear Technology LT6600-10 Datasheet HTML 8Page - Linear Technology LT6600-10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6600-10
2
66001fe
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage .................................................11V
Input Current (Note 8)..........................................±10mA
Operating Temperature Range (Note 6).... –40°C to 85°C
Specified Temperature Range (Note 7) .... –40°C to 85°C
(Note 1)
TOP VIEW
DF PACKAGE
12-LEAD (4mm
4mm) PLASTIC DFN
12
13
11
8
9
10
4
5
3
2
1
IN+
NC
VMID
V–
V–
OUT–
IN–
NC
VOCM
V+
NC
OUT+
6
7
TJMAX = 150°C, θJA = 43°C/W, θJC = 4°C/W
EXPOSED PAD (PIN 13) IS V–, MUST BE SOLDERED TO PCB
TOP VIEW
IN+
VMID
V–
OUT–
IN–
VOCM
V+
OUT+
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TJMAX = 150°C, θJA = 100°C/W
PIN CONFIGURATION
ORDER INFORMATION
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6600CS8-10#PBF
LT6600CS8-10#TRPBF
660010
8-Lead Plastic SO
0°C to 70°C
LT6600IS8-10#PBF
LT6600IS8-10#TRPBF
600I10
8-Lead Plastic SO
–40°C to 85°C
LT6600CDF-10#PBF
LT6600CDF-10#TRPBF
60010
12-Lead (4mm
× 4mm) Plastic DFN
0°C to 70°C
LT6600IDF-10#PBF
LT6600IDF-10#TRPBF
60010
12-Lead (4mm
× 4mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6600CS8-10
LT6600CS8#TR
660010
8-Lead Plastic SO
0°C to 70°C
LT6600IS8-10
LT6600IS8-10#TR
600I10
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on non-standard lead based finish parts.
The temperature grade is identified by a label on the shipping container for the DFN Package.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com