Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62364FPGP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M62364FPGP
Description  8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62364FPGP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M62364FPGP_15 Datasheet HTML 1Page - Renesas Technology Corp M62364FPGP_15 Datasheet HTML 2Page - Renesas Technology Corp M62364FPGP_15 Datasheet HTML 3Page - Renesas Technology Corp M62364FPGP_15 Datasheet HTML 4Page - Renesas Technology Corp M62364FPGP_15 Datasheet HTML 5Page - Renesas Technology Corp M62364FPGP_15 Datasheet HTML 6Page - Renesas Technology Corp M62364FPGP_15 Datasheet HTML 7Page - Renesas Technology Corp M62364FPGP_15 Datasheet HTML 8Page - Renesas Technology Corp M62364FPGP_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
REJ03D0875-0400 Rev.4.00 Oct 02, 2009
Page 1 of 8
M62364FP/GP
8-bit 8ch Multiplying D/A Converter with Buffer Amplifiers
REJ03D0875-0400
Rev.4.00
Oct 02, 2009
Description
The M62364 is a CMOS 8-bit 8ch D/A converter having a multiplying function and output buffer amplifiers. It has a
serial data input and can easily communicate with a microcontroller by the simple three-wiring method (DI, CLK, LD).
The output buffer amplifiers operating in AB-class has both sinking and driving capabilities of 1.0 mA or more and can
operate in a whole supply range from VDD to GND.
The IC is suitable for a use in automatic adjustment applications in conjunction with a MCU by utilizing the terminal
DO for a cascading connection.
Features
• Three-wiring serial data transmission
• Doubled precision 8ch D/A converter employing an R-2R with higher-order segment method
• 8 buffer amplifiers operating in a whole supply voltage range from V
DD to GND
• 4 quadrant multiplication
Application
Digital to analog conversion for consumer and industrial equipment.
Gain setting and automatic adjustment of display-monitor and CTV.
Block Diagram
RESET
VIN8
VIN1
D0
DI
VDD
D1
D2
D3
D4
D5
D6
D9 D10
D7
D8
D11
8
5
Do
17
CLK 7
19
1
VOUT1
.............
.............
.............
.............
2
24
LD
6
VOUT8
VDAref
23
GND
20
18
12-bit shift register
Address decoder
8-bit latch
D/A converter
8-bit latch
D/A converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com