Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMBD301LT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBD301LT1G
Description  Silicon Hot?밅arrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBD301LT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBD301LT1G Datasheet HTML 1Page - Leshan Radio Company LMBD301LT1G Datasheet HTML 2Page - Leshan Radio Company LMBD301LT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LMBD301LT1G , S-LMBD301LT1G
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
0
3.0
6.0
9.0
12
15
18
21
24
27
30
500
400
300
200
100
0
0
10
20
30
40
506070
80
90
100
10
1.0
0.1
0.01
0.001
0
6.0
12
18
24
30
100
10
1.0
0.1
0.2
0.4
0.6
0.8
1.0
1.2
TYPICAL ELECTRICAL CHARACTERISTICS
V
R , REVERSE VOLTAGE (VOLTS)
Figure 1. Total Capacitance
I F , FORWARD CURRENT (mA)
Figure 2. Minority Carrier Lifetime
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Reverse Leakage
V F , FORWARD VOLTAGE (VOLTS)
Figure 4. Forward Voltage
f =1.0MHz
T A= –40°C
TA = 85°C
T A = 25°C
KRAKAUER METHOD
T
A = 100°C
75°C
25°C
SINUSOIDAL
GENERATOR
BALLAST
NETWORK
(PADS)
SAMPLING
OSCILLOSCOPE
(50
Ω INPUT)
PADS
CAPACITIVE
CONDUCTION
FORWARD
CONDUCTION
STORAGE
CONDUCTION
DUT
I F(PEAK)
I R(PEAK)
Figure 5. Krakauer Method of Measuring Lifetime
LESHAN RADIO COMPANY, LTD.
Rev.O 2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com