Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC4468 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC4468
Description  TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO AND GENERAL PURPOSE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC4468 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC4468 Datasheet HTML 1Page - KEC(Korea Electronics) KTC4468 Datasheet HTML 2Page - KEC(Korea Electronics) KTC4468 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2000. 4. 19
2/3
KTC4468
Revision No : 0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0
BASE EMITTOR VOLTAGE V
(V)
BE
I
- V
I =10mA
B
CBE
V
=4V
CE
2
4
6
8
10
1234
BASE CURRENT I
(A)
0
B
V
- I
CE(sat)
B
0.5
1.0
1.5
2.0
1
2
3
I =10A
C
5A
12
2
4
6
8
10
0
20mA
50mA
75mA
100mA
150mA
200mA
300mA
400mA
0
0
3
COLLECTOR CURRENT I
(A)
0.1
0.02
10
30
50
0.3
1
C
10
V
=4V
100
500
300
h
- I
FE
C
CE
Tc=-30 C
Tc=25 C
Tc=125 C
r
- t
PULSE WIDTH t
(mS)
1
0.1
th
10
100
1K 2K
w
w
CURVES SHOULD BE APPLIED IN
THERMAL LIMITED AREA.
(SIGLE NONREPETITIVE PULSE)
INFIN
ITE HEA
T SINK
0.3
0.5
1
0.3
-3
EMITTER CURRENT I
(A)
-0.1
-0.02
-0.3
-1
E
-10
V
=12V
f
- I
T
CE
Typ
E
0
10
20
30
40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com