Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1164-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1164-5
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC1164-5 Datasheet HTML 1Page - Linear Technology LTC1164-5 Datasheet HTML 2Page - Linear Technology LTC1164-5 Datasheet HTML 3Page - Linear Technology LTC1164-5 Datasheet HTML 4Page - Linear Technology LTC1164-5 Datasheet HTML 5Page - Linear Technology LTC1164-5 Datasheet HTML 6Page - Linear Technology LTC1164-5 Datasheet HTML 7Page - Linear Technology LTC1164-5 Datasheet HTML 8Page - Linear Technology LTC1164-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1164-5
2
11645fc
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = Operating Temperature Range. VS = ±7.5V, RL = 10k, fCLK = 400kHz,
unless otherwise specified.
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
16
15
14
13
12
11
10
9
50:1 MODE
VIN
GND
V+
GND
NC
LP6
CONNECT 1
CONNECT 2
50:1 MODE
V –
NC
CLK
BUTT/BESS
NC
VOUT
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
50:1 MODE
VIN
GND
V+
GND
LP6
CONNECT 1
CONNECT 2
50:1 MODE
V–
CLK
BUTT/BESS
VOUT
NC
Total Supply Voltage (V
+ to V–) ............................. 16V
Input Voltage (Note 2) ......... (V
++ 0.3V) to (V– – 0.3V)
Output Short-Circuit Duration ......................... Indefinite
Power Dissipation ............................................. 400mW
Burn-In Voltage ...................................................... 16V
Operating Temperature Range
LTC1164-5C ...................................... – 40
°C to 85°C
LTC1164-5M (OBSOLETE) ............... – 55
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE
AXI U
RATI GS (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain 0.1Hz at 0.25fCUTOFF (Note 3)
fIN = 1kHz, (fCLK/fC) = 100:1
●
– 0.5
– 0.10
0.25
dB
fIN = 1kHz, (fCLK/fC) = 50:1
●
– 0.5
0.10
0.25
dB
Gain at 0.50fCUTOFF (Note 3)
fIN = 2kHz, (fCLK/fC) = 100:1
●
– 0.45
– 0.20
0.17
dB
fIN = 4kHz, (fCLK/fC) = 50:1
●
– 0.35
– 0.10
0.40
dB
Gain at 0.90fCUTOFF (Note 3)
fIN = 3.6kHz, (fCLK/fC) = 100:1
●
– 2.50
–1.90
–1.0
dB
Gain at 0.95fCUTOFF (Note 3)
fIN = 3.8kHz, (fCLK/fC) = 100:1
– 2.60
dB
Gain at fCUTOFF (Note 3)
fIN = 4kHz, (fCLK/fC) = 100:1
●
– 4.10
– 3.40
– 2.75
dB
fIN = 8kHz, (fCLK/fC) = 50:1
●
– 4.20
– 3.80
– 2.75
dB
Gain at 1.44fCUTOFF (Note 3)
fIN = 5.76kHz, (fCLK/fC) = 100:1
●
– 20.5
–19.0
–17.0
dB
Gain at 2.0fCUTOFF (Note 3)
fIN = 8kHz, (fCLK/fC) = 100:1
●
– 45.0
– 43.0
– 41.0
dB
Gain with fCLK = 20kHz (Note 3)
fIN = 200Hz, (fCLK/fC) = 100:1
●
– 4.50
– 3.40
– 2.75
dB
Gain with VS = 2.375V (Note 3)
fIN = 400kHz, fIN = 2kHz, (fCLK/fC) = 100:1
– 0.50
– 0.10
0.35
dB
fIN = 400kHz, fIN = 4kHz, (fCLK/fC) = 100:1
– 4.20
– 3.40
– 2.00
dB
Input Frequency Range
(fCLK/fC) = 100:1
0 – <fCLK/2
kHz
(fCLK/fC) = 50:1
0 – <fCLK
kHz
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 110°C, θJA = 85°C/W
LTC1164-5CN
LTC1164-5CSW
PACKAGE/ORDER I FOR ATIO
TJMAX = 110°C, θJA = 65°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC1164-5CJ
LTC1164-5MJ
J PACKAGE 14-LEAD CERDIP
TJMAX = 110°C, θJA = 65°C/W
OBSOLETE PACKAGE
Consider the N Package as an Alternate Source
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com