Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1264-7 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1264-7
Description  Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264-7 Datasheet(HTML) 2 Page - Linear Technology

  LTC1264-7 Datasheet HTML 1Page - Linear Technology LTC1264-7 Datasheet HTML 2Page - Linear Technology LTC1264-7 Datasheet HTML 3Page - Linear Technology LTC1264-7 Datasheet HTML 4Page - Linear Technology LTC1264-7 Datasheet HTML 5Page - Linear Technology LTC1264-7 Datasheet HTML 6Page - Linear Technology LTC1264-7 Datasheet HTML 7Page - Linear Technology LTC1264-7 Datasheet HTML 8Page - Linear Technology LTC1264-7 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1264-7
12647fa
2
Operating Temperature Range
LTC1264-7C ...................................... – 40
°C to 85°C
LTC1264-7M (OBSOLETE) .............. – 55
°C to 125°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V
+ to V–) .......................... 16.5V
Power Dissipation ............................................. 400mW
Burn-In Voltage ................................................... 16.5V
Voltage at Any Input ..... (V – – 0.3V)
≤ VIN ≤ (V+ + 0.3V)
Storage Temperature Range ............... – 65
°C to 150°C
(Note 1)
ELECTRICAL C
C
HARA TERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25
°C. VS = ±7.5V, RL = 10k, fCUTOFF = 100kHz or 50kHz, fCLK = 2.5MHz, TTL or
CMOS level (maximum clock rise or fall time
≤ 1µs) and all gain measurements are referenced to passband gain, unless otherwise
specified.
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC1264-7CN
ORDER PART
NUMBER
LTC1264-7CSW
TJMAX = 110°C, θJA = 65°C/W (N )
TJMAX = 110°C, θJA = 85°C/W
TJMAX = 150°C, θJA = 65°C/W (J )
J PACKAGE
14-LEAD CERAMIC DIP
OBSOLETE PACKAGE
Consider the N14 Package for Alternate Source
LTC1264-7CJ
LTC1264-7MJ
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain
0.1Hz
≤ f ≤ 0.25 fCUTOFF
fTEST = 25kHz, (fCLK/fC) = 25:1
●
– 0.50
– 0.10
0.50
dB
Gain at 0.50 fCUTOFF (Note 4)
fTEST = 50kHz, (fCLK/fC) = 25:1
●
– 0.50
0.20
dB
fTEST = 25kHz, (fCLK/fC) = 50:1
●
– 0.65
– 0.15
0.30
dB
Gain at 0.75 fCUTOFF
fTEST = 75kHz, (fCLK/fC) = 25:1
●
– 1.5
–1.0
0.1
dB
Gain at fCUTOFF
fTEST = 100kHz, (fCLK /fC) = 25:1
●
– 3.7
– 3.0
–1.9
dB
fTEST = 50kHz, (fCLK/fC) = 50:1
●
– 4.5
– 3.0
– 2.3
dB
Gain at 2.0 fCUTOFF
fTEST = 200kHz, (fCLK /fC) = 25:1
●
–34
–28
–20
dB
fTEST = 100kHz, (fCLK /fC) = 50:1
●
–34
–30
–27
dB
Gain with fCLK = 20kHz
fTEST = 200Hz, (fCLK /fC) = 50:1
– 0.7
– 0.3
0.1
dB
Gain with fCLK = 400kHz, VS = ±2.375V
fTEST = 8kHz, (fCLK /fC) = 25:1
– 0.2
0.15
0.5
dB
fTEST = 16kHz, (fCLK/fC) = 25:1
– 3.5
– 2.70
– 1.4
dB
Gain with fCLK = 4MHz
fTEST = 160kHz, VIN = 1VRMS
(fCLK /fC) = 25:1, TA = 0°C to 70°C0.00 ±1.0
dB
(fCLK /fC) = 25:1
●
3.0
dB
1
2
3
4
5
6
7
TOP VIEW
14
13
12
11
10
9
8
NC
VIN
GND
V+
NC
LP (A)
RIN (A)
OUT (C)
NC
V–
fCLK
25/50
VOUT
NC
N PACKAGE
14-LEAD PLASTIC DIP
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VIN
GND
V+
NC
NC
LP (A)
RIN (A)
OUT (C)
NC
V–
NC
fCLK
25/50
NC
VOUT
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com