Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1279 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1279
Description  12-Bit, 600ksps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1279 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1279 Datasheet HTML 8Page - Linear Technology LTC1279 Datasheet HTML 9Page - Linear Technology LTC1279 Datasheet HTML 10Page - Linear Technology LTC1279 Datasheet HTML 11Page - Linear Technology LTC1279 Datasheet HTML 12Page - Linear Technology LTC1279 Datasheet HTML 13Page - Linear Technology LTC1279 Datasheet HTML 14Page - Linear Technology LTC1279 Datasheet HTML 15Page - Linear Technology LTC1279 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1279
S
APPLICATI
I FOR ATIO
adequate bypassing for the VSS pin. The capacitors must
be located as close to the pins as possible. The traces
connecting the pins and the bypass capacitors must be
kept short and should be made as wide as possible.
Input signal traces to AIN (pin 1) and signal return traces
from AGND (pin 3) should be kept as short as possible to
minimize input noise coupling. In applications where this
is not possible, a shielded cable between the signal source
and ADC is recommended. Also, since any potential differ-
ence in grounds between the signal source and ADC
appears as an error voltage in series with the input signal,
attention should be paid to reducing the ground circuit
impedances as much as possible.
A single point analog ground, separate from the logic
system ground, should be established with an analog
ground plane at pin 3 (AGND) or as close as possible to the
ADC. Pin 12 (DGND) and all other analog grounds should
be connected to this single analog ground point. No other
digital grounds should be connected to this analog ground
point. Low impedance analog and digital power supply
common returns are essential to low noise operation of
the ADC and the foil width for these tracks should be as
wide as possible. In applications where the ADC data
outputs and control signals are connected to a continu-
ously active microprocessor bus, it is possible to get
errors in conversion results. These errors are due to
feedthrough from the microprocessor to the successive
approximation comparator. The problem can be elimi-
nated by forcing the microprocessor into a WAIT state
during conversion or by using three-state buffers to iso-
late the ADC data bus.
DIGITAL INTERFACE
The A/D converter is designed to interface with micropro-
cessors as a memory mapped device. The CS and RD
control inputs are common to all peripheral memory interfac-
ing. A separate CONVST is used to initiate a conversion.
Internal Clock
The A/D converter has an internal clock that eliminates the
need of synchronization between the external clock and
the CS and RD signals found in other ADCs. The internal
clock is factory trimmed to achieve a typical conversion
time of 1.4
µs. No external adjustments are required, and
with the typical acquisition time of 160ns, throughput
performance of 600ksps is assured.
Power Shutdown
The LTC1279 provides a power shutdown feature that
saves power when the ADC is in inactive periods. To power
down the ADC, pin 18 (SHDN) needs to be driven low.
When in power shutdown mode, the LTC1279 will not start
a conversion even though the CONVST goes low. All the
power is off except the Internal Reference which is still
active and provides 2.42V output voltage to the other
circuitry. In this mode the ADC draws 8.5mW instead of
60mW (for minimum power, the logic inputs must be
within 600mV of the supply rails). The wake-up time from
the power shutdown to active state is 350ns.
Figure 10. Power Supply Grounding Practice
1279 F10
AIN
AGND
VREF
AVDD
DVDD
DGND
LTC1279
DIGITAL
SYSTEM
0.1
µF
+
–
ANALOG GROUND PLANE
GROUND CONNECTION
TO DIGITAL CIRCUITRY
ANALOG
INPUT
CIRCUITRY
3
2
24
17
12
1
0.1
µF
10
µF
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com