Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1450L Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1450L
Description  Parallel Input, 12-Bit Rail-to-Rail Micropower DACs in SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1450L Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1450L Datasheet HTML 7Page - Linear Technology LTC1450L Datasheet HTML 8Page - Linear Technology LTC1450L Datasheet HTML 9Page - Linear Technology LTC1450L Datasheet HTML 10Page - Linear Technology LTC1450L Datasheet HTML 11Page - Linear Technology LTC1450L Datasheet HTML 12Page - Linear Technology LTC1450L Datasheet HTML 13Page - Linear Technology LTC1450L Datasheet HTML 14Page - Linear Technology LTC1450L Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1450/LTC1450L
TYPICAL APPLICATIONS N
Filter VREF to Lower Output Noise (0.18mVRMS at VOUT)
LTC1450
LTC1450L
VOUT
DATA (0:11)
CSLSB
CSMSB
WR
LDAC
CLR
VCC
REFOUT
GND
REFHI
10
Ω
REFLO
X1/X2
DIN
FROM
µP
DATA BUS
FROM
µP AND
DECODE LOGIC
FROM
SYSTEM RESET
5V
0.1
µF
4.7
µF
OUTPUT
LTC1450/50L • TA03
Digitally Programmable Noninverting Amplifier
LTC1450
LTC1450L
VOUT
DATA (0:11)
CSLSB
CSMSB
WR
LDAC
CLR
VCC
REFOUT
GND
REFHI
REFLO
X1/X2
DIN
FROM
µP
DATA BUS
FROM
µP AND
DECODE LOGIC
FROM
SYSTEM RESET
VCC
0.1
µF
LTC1450: VIN = 0V TO 2.048V
(VCC = 4.5V TO 5V)
LTC1450L: VIN = 0V TO 1.22V
(VCC = 2.7V TO 5.5V)
LTC1450L: VIN = 0V TO 2.048V
(VCC = 4.5V TO 5.5V)
LTC1450/50L • TA04
DIN
4096
LTC1450: VOUT =
VIN
()•2
DIN
4096
LTC1450L: VOUT =
VIN
()
• 2.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com