Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1452 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1452
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1452 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1452 Datasheet HTML 2Page - Linear Technology LTC1452 Datasheet HTML 3Page - Linear Technology LTC1452 Datasheet HTML 4Page - Linear Technology LTC1452 Datasheet HTML 5Page - Linear Technology LTC1452 Datasheet HTML 6Page - Linear Technology LTC1452 Datasheet HTML 7Page - Linear Technology LTC1452 Datasheet HTML 8Page - Linear Technology LTC1452 Datasheet HTML 9Page - Linear Technology LTC1452 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1451
LTC1452/LTC1453
sn145123 145123fas
GND: Ground.
REF: The Output of the Internal Reference and the Input
to the DAC Resistor Ladder. An external reference with
voltage up to VCC/2 may be used for the LTC1452.
VOUT: The Buffered DAC Output.
VCC: The Positive Supply Input. 4.5V ≤ VCC ≤ 5.5V
(LTC1451), 2.7
≤ VCC ≤ 5.5V (LTC1452/LTC1453). Re-
quires a bypass capacitor to ground.
CLK: The TTL Level Input for the Serial Interface Clock.
DIN: The TTL Level Input for the Serial Interface Data. Data
on the DIN pin is latched into the shift register on the rising
edge of the serial clock.
CS/LD: The TTL Level Input for the Serial Interface Enable
and Load Control. When CS/LD is low the CLK signal is
enabled, so the data can be clocked in. When CS/LD is
pulled high, data is loaded from the shift register into the
DAC register, updating the DAC output.
DOUT: The Output of the Shift Register which Becomes
Valid on the Rising Edge of the Serial Clock.
B11
MSB
B10
t1
t9
B1
t6
B0
LSB
B11
CURRENT WORD
t7
t2
t4
t3
t8
CLK
DIN
DOUT
CS/LD
t5
1451/2/3 TD
B0
PREVIOUS WORD
B11
PREVIOUS WORD
B10
B1
B0
DAC
REGISTER
LD
+
–
REFERENCE
LTC1451: 2.048V
LTC1453: 1.22V
12-BIT
SHIFT
REGISTER
POWER-ON
RESET
11451/2/3 BD
CLK 1
DIN 2
DOUT 4
VOUT
7
REF
6
GND
5
VCC
8
3
CS/LD
12-BIT DAC
PI FU CTIO S
BLOCK DIAGRA
TI I G DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com