Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1597 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1597
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1597 Datasheet(HTML) 2 Page - Linear Technology

  LTC1597 Datasheet HTML 1Page - Linear Technology LTC1597 Datasheet HTML 2Page - Linear Technology LTC1597 Datasheet HTML 3Page - Linear Technology LTC1597 Datasheet HTML 4Page - Linear Technology LTC1597 Datasheet HTML 5Page - Linear Technology LTC1597 Datasheet HTML 6Page - Linear Technology LTC1597 Datasheet HTML 7Page - Linear Technology LTC1597 Datasheet HTML 8Page - Linear Technology LTC1597 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1591/LTC1597
15917fa
ABSOLUTE MAXIMUM RATINGS
VCC to AGND ............................................... – 0.5V to 7V
VCC to DGND .............................................. –0.5V to 7V
AGND to DGND ............................................. VCC + 0.5V
DGND to AGND ............................................. VCC + 0.5V
REF, ROFS, RFB, R1, RCOM to AGND, DGND .......... ±25V
Digital Inputs to DGND ............... – 0.5V to (VCC + 0.5V)
IOUT1 to AGND ............................ –0.5V to( VCC + 0.5V)
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range
LTC1591C/LTC1591-1C
LTC1597C/LTC1597-1C .......................... 0
°C to 70°C
LTC1591I/LTC1591-1I
LTC1597I/LTC1597-1I ....................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1591CG
LTC1591CN
LTC1591IG
LTC1591IN
LTC1591-1CG
LTC1591-1CN
LTC1591-1IG
LTC1591-1IN
LTC1597ACG
LTC1597ACN
LTC1597BCG
LTC1597BCN
LTC1597-1ACG
LTC1597-1ACN
LTC1597-1BCG
LTC1597-1BCN
LTC1597AIG
LTC1597AIN
LTC1597BIG
LTC1597BIN
LTC1597-1AIG
LTC1597-1AIN
LTC1597-1BIG
LTC1597-1BIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
N PACKAGE
28-LEAD NARROW PDIP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CLR
NC
NC
D0
D1
VCC
DGND
D2
D3
D4
D5
D6
D7
D8
REF
RCOM
R1
ROFS
RFB
IOUT1
AGND
LD
WR
D13
D12
D11
D10
D9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
N PACKAGE
28-LEAD NARROW PDIP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CLR
D0
D1
D2
D3
VCC
DGND
D4
D5
D6
D7
D8
D9
D10
REF
RCOM
R1
ROFS
RFB
IOUT1
AGND
LD
WR
D15
D14
D13
D12
D11
TJMAX = 125°C, θJA = 95°C/ W (G)
TJMAX = 125°C, θJA = 70°C/ W (N)
TJMAX = 125°C, θJA = 95°C/ W (G)
TJMAX = 125°C, θJA = 70°C/ W (N)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com