Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1665 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1665
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1665 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1665 Datasheet HTML 9Page - Linear Technology LTC1665 Datasheet HTML 10Page - Linear Technology LTC1665 Datasheet HTML 11Page - Linear Technology LTC1665 Datasheet HTML 12Page - Linear Technology LTC1665 Datasheet HTML 13Page - Linear Technology LTC1665 Datasheet HTML 14Page - Linear Technology LTC1665 Datasheet HTML 15Page - Linear Technology LTC1665 Datasheet HTML 16Page - Linear Technology LTC1665 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC1665/LTC1660
13
166560fa
TYPICAL APPLICATIONS
A Low Power Quad Trim Circuit with Coarse/Fine Adjustment
VOUT4
VOUT1
VOUT3
VOUT2
R1
COARSE
R1
COARSE
0.1μF
0.1μF
R1
4
1
2
3
11
3.3V
3.3V
R1
COARSE
R1
R2
R2
R2
FINE
R2
FINE
R2
FINE
R1
COARSE
R2
FINE
166560 TA01
2
15
1
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CS/LD
SCK
3-WIRE
SERIAL
INTERFACE
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CLR
TO OTHER
LTC1665s
DOUT
DIN
16
DAC A
DAC H
3
14
DAC B
DAC G
4
13
DAC C
DAC F
5
7
6
8
11
9
12
DAC D
DAC E
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER
0.1μF
0.1μF
3.3V
1
4
2
U1
LTC1665
U2A
LT
®1491
7
6
5
U2B
LT1491
LTC1258-2.5
0.1μF
0.1μF
R1
14
13
12
R2
U2D
LT1491
0.1μF
R1
8
9
10
R2
U2C
LT1491
R2 >> R1
VOUT 1 = VOUT A +
Example: For R1 = 110Ω and R2 = 11k,
VOUT 1 = VOUT A + 0.01 VOUT B
R1
R2
VOUT B
Similarly VOUT 2, VOUT 3, VOUT 4
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com