Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3200-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3200-5
Description  Low Noise, Regulated Charge Pump DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3200-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC3200-5 Datasheet HTML 1Page - Linear Technology LTC3200-5 Datasheet HTML 2Page - Linear Technology LTC3200-5 Datasheet HTML 3Page - Linear Technology LTC3200-5 Datasheet HTML 4Page - Linear Technology LTC3200-5 Datasheet HTML 5Page - Linear Technology LTC3200-5 Datasheet HTML 6Page - Linear Technology LTC3200-5 Datasheet HTML 7Page - Linear Technology LTC3200-5 Datasheet HTML 8Page - Linear Technology LTC3200-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3200/LTC3200-5
2
VIN to GND ...................................................– 0.3V to 6V
VOUT to GND .............................................–0.3V to 5.5V
VFB, SHDN to GND ........................ – 0.3V to (VIN + 0.3V)
IOUT (Note 2) ....................................................... 150mA
ORDER PART
NUMBER
MS8 PART MARKING
TJMAX = 150°C, θJA = 230°C/W
Consult factory for parts specified with wider operating temperature ranges.
LTNV
LTC3200EMS8
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range. Specifications are at TA = 25°C, VIN = 3.6V, CFLY = 1µF, CIN = 1µF, COUT = 1µF unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage
q
2.7
4.5
V
VOUT
Output Voltage
2.7V
≤ VIN ≤ 4.5V, IOUT ≤ 40mA
q
4.8
5
5.2
V
3.1V
≤ VIN ≤ 4.5V, IOUT ≤ 100mA
q
4.8
5
5.2
V
ICC
Operating Supply Current
IOUT = 0mA, SHDN = VIN
q
3.5
8
mA
ISHDN
Shutdown Current
SHDN = 0V, VOUT = 0V
q
1
µA
VFB
FB Voltage (LTC3200)
q
1.217
1.268
1.319
V
IFB
FB Input Current (LTC3200)
VFB = 1.4V
q
–50
50
nA
VR
Output Ripple (LTC3200-5)
VIN = 3V, IOUT = 100mA
30
mVP-P
η
Efficiency (LTC3200-5)
VIN = 3V, IOUT = 50mA
80
%
FOSC
Switching Frequency
1
2
MHz
VIH
SHDN Input Threshold
q
1.3
V
VIL
SHDN Input Threshold
q
0.4
V
IIH
SHDN Input Current
SHDN = VIN
q
–1
1
µA
IIL
SHDN Input Current
SHDN = 0V
q
–1
1
µA
tON
VOUT Turn-On Time
VIN = 3V, IOUT = 0mA, 10% to 90%
0.8
ms
ROL
Open-Loop Output Resistance
VIN = 3V, IOUT = 100mA, VFB = 0V (Note 4)
9.2
Ω
VOUT 1
GND 2
SHDN 3
6 C +
5 VIN
4 C –
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Based on long term current density limitations.
Note 3: The LTC3200E/LTC3200E-5 are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 4: ROL ≡ (2 VIN – VOUT)/IOUT
VOUT Short-Circuit Duration ............................. Indefinite
Operating Temperature Range (Note 3) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S6 PART MARKING
LTSH
LTC3200ES6-5
1
2
3
4
C+
VIN
C–
PGND
8
7
6
5
VOUT
FB
SHDN
SGND
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com