Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1000 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # LR1000
Description  1000W 230V AVR Line Conditioner, Power Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

LR1000 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  LR1000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved LR1000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output (Watts)
1000
Outlet Details
Includes 1 uniplug adapter that converts one of the built-in outlets to accept a variety of country specific plug types
INPUT
Input Cord Length (ft.)
6
Input Cord Length (m)
1.83
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
3 LEDs show incoming voltage status
SURGE / NOISE SUPPRESSION
EMI / RFI AC Noise Suppression
75 dB
AC Suppression Joule Rating
1200
PHYSICAL
Shipping Weight (lbs.)
9.00
Shipping Weight (kg)
4.08
Unit Dimensions (hwd / in.)
7 x 6 x 7
Unit Dimensions (hwd / cm)
17.8 x 15.2 x 17.8
Material of Construction
Plastic
Form Factors Supported
Box-shaped power tap format
WARRANTY
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
Product Warranty Period (Puerto
Rico)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com