Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2991 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2991
Description  Single-phase induction motor drive for refrigerator compressor application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2991 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2991 Datasheet HTML 6Page - STMicroelectronics AN2991 Datasheet HTML 7Page - STMicroelectronics AN2991 Datasheet HTML 8Page - STMicroelectronics AN2991 Datasheet HTML 9Page - STMicroelectronics AN2991 Datasheet HTML 10Page - STMicroelectronics AN2991 Datasheet HTML 11Page - STMicroelectronics AN2991 Datasheet HTML 12Page - STMicroelectronics AN2991 Datasheet HTML 13Page - STMicroelectronics AN2991 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Electronic thermostat versus mechanical thermostat
AN2991
12/14
Doc ID 15772 Rev 2
Figure 11. Temperature control (case 1)
Figure 12. Temperature control (case 2)
-24
-22
-20
-18
-16
-14
-12
-10
0:00:00
0:20:00
0:40:00
1:00:00
1:20:00
Time (h:mm:ss)
Temperature (°C)
0
50
100
150
200
Power (W)
Evap.
Cab.
Power
-24
-22
-20
-18
-16
-14
-12
-10
0:00:00
0:20:00
0:40:00
1:00:00
1:20:00
0
50
100
150
200
Time (h:mm:ss)
Temperature (°C)
Power (W)
Evap.
Cab.
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com