Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3029 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 9Page - STMicroelectronics AN3029 Datasheet HTML 10Page - STMicroelectronics AN3029 Datasheet HTML 11Page - STMicroelectronics AN3029 Datasheet HTML 12Page - STMicroelectronics AN3029 Datasheet HTML 13Page - STMicroelectronics AN3029 Datasheet HTML 14Page - STMicroelectronics AN3029 Datasheet HTML 15Page - STMicroelectronics AN3029 Datasheet HTML 16Page - STMicroelectronics AN3029 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID16139 Rev 5
13/42
AN3029
Clock management
41
Figure 6. Crystal/ceramic resonators
1. To avoid exceeding the maximum value of CL1 and CL2 (15 pF), it is strongly recommended to use a
resonator with a load capacitance CL = 7 pF. To fine-tune the choice, refer to the gmcrit calculation in
AN2867 (Oscillator design guide for ST microcontrollers).
2. OSC32_IN and OSC32_OUT pins can be used also as GPIO, but it is recommended not to use them as
both RTC and GPIO pins in the same application.
3. The value of REXT depends on the crystal characteristics. A 0 Ω resistor works with most oscillators. A
typical value is in the range 5 to 6 RS. To fine-tune the REXT value refer to AN2867 (Oscillator design guide
for ST microcontrollers).
OSC32_OUT
OSC32_IN
ai15764
CL1
CL2
Microcontroller
REXT
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com