Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3050 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3050
Description  STBP120 overvoltage protection device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3050 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3050 Datasheet HTML 9Page - STMicroelectronics AN3050 Datasheet HTML 10Page - STMicroelectronics AN3050 Datasheet HTML 11Page - STMicroelectronics AN3050 Datasheet HTML 12Page - STMicroelectronics AN3050 Datasheet HTML 13Page - STMicroelectronics AN3050 Datasheet HTML 14Page - STMicroelectronics AN3050 Datasheet HTML 15Page - STMicroelectronics AN3050 Datasheet HTML 16Page - STMicroelectronics AN3050 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN3050
STBP120 highlights
Doc ID 16207 Rev 1
13/18
The soft-start circuit is very useful for USB-powered applications due to USB power
limitations. The USB specification allows a maximum inrush current equivalent to a value
generated by a 10 µF capacitor directly connected between VBUS and GND rails. The
STBP120 softstart feature allows an even larger capacitor value to be connected to the
STBP120 output, providing better decoupling and higher reservoir of energy to cover
possible current peaks, without affecting this requirement. Maximum capacitance proven
with a standard 2 m USB cable is 100 µF. Higher capacitance can lead to a oscillation due to
USB cable impedance and the capacitor inrush current, leading the input voltage to drop
below the UVLO threshold during the start-up. The input capacitor value can be 1 - 10 µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com