Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3057 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3057
Description  How to manage simultaneous
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3057 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3057 Datasheet HTML 7Page - STMicroelectronics AN3057 Datasheet HTML 8Page - STMicroelectronics AN3057 Datasheet HTML 9Page - STMicroelectronics AN3057 Datasheet HTML 10Page - STMicroelectronics AN3057 Datasheet HTML 11Page - STMicroelectronics AN3057 Datasheet HTML 12Page - STMicroelectronics AN3057 Datasheet HTML 13Page - STMicroelectronics AN3057 Datasheet HTML 14Page - STMicroelectronics AN3057 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN3057
Recommendations when developing the M24LRxx application software
Doc ID 16239 Rev 4
13/15
3.2
Issuing a command through the RF channel
Case 1: the M24LRxx is processing an I²C command
If the M24LRxx is processing a command from the I²C channel, no command issued on the
RF channel will be executed (the RF command will not provide any response) when the
M24LRxx is I²C busy.
The application’s RF software should include an “I²C busy polling loop” (including a timeout
as there might not be a response) when issuing an RF command. In this way, the RF
command is always correctly executed once the I²C commands under execution are
completed.
Case 2: the M24LRxx application is powered on
The first condition for a safe design of an M24LRxx application is that all the sensitive data
stored in the M24LRxx memory is protected with RF passwords, so that a spurious RF
command could not modify this data.
The second condition for a safe application design is that the application Master fully
controls the M24LRxx. We know that, as explained in Section 3.1.2, if the VCC pin is not
supplied, and the RF field drops to zero while the M24LRxx is decoding an RF command,
then the M24LRxx is reset. This means that the Master has to supply the M24LRxx’s VCC
pin only during an I²C transfer, and leave the VCC pin floating the rest of the time (see
Figure 10).
Depending on the application’s RF data transfer flow, it might also be wise to add a third
level of safety:
blindly send a Reset to Ready command before sending any new RF command
sequence: this will reset the M24LRxx logic
once an RF session (several commands) is completed, blindly send a Write-sector
Password command with a wrong password value: this will set the internal flag defining
the status of the presented password (flag set as “wrong password presented”).
Case 3: the M24LRxx application is not powered
This is the typical case where the application is packed in a box (at the end of the production
line) and the data update is performed through RF.
The only condition for a safe application design is that the sensitive data stored in the
M24LRxx memory is protected with RF passwords, so that a spurious RF command could
not modify this data.
Table 4.
M24LRxx status according to command and VCC supply
Command processed
by the M24LRxx
VCC pin status
Device status
I²C command
VCC supplied
I²C busy state
RF command
VCC supplied
To be avoided in cases where the RF field might
drop to 0 (RF=0 does not reset the RF logic of the
M24LRxx when VCC is supplied)
VCC = high impedance The M24LRxx is fully dedicated to RF commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com