Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3126 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3126
Description  Audio and waveform generation using the DAC in STM32 microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3126 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3126 Datasheet HTML 9Page - STMicroelectronics AN3126 Datasheet HTML 10Page - STMicroelectronics AN3126 Datasheet HTML 11Page - STMicroelectronics AN3126 Datasheet HTML 12Page - STMicroelectronics AN3126 Datasheet HTML 13Page - STMicroelectronics AN3126 Datasheet HTML 14Page - STMicroelectronics AN3126 Datasheet HTML 15Page - STMicroelectronics AN3126 Datasheet HTML 16Page - STMicroelectronics AN3126 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Doc ID16895 Rev 2
13/24
AN3126
DAC main features
23
Figure 9. Triangular waveform with changeable offset
1.8.2
Typical applications
Triangular wave generators are often used in sound synthesis as its timbre is less harsh
than the square wave because the amplitude of its upper harmonics falls off more rapidly.
Triangular wave generator circuits are also used in many modem circuit applications.
1.9
Buffered output
To drive external loads without using an external operational amplifier, DAC channels have
embedded output buffers which can be enabled and disabled depending on the user
application.
When the DAC output is not buffered, and there is a load in the user application circuit, the
voltage output will be lower than the desired voltage. Enabling the buffer, the voltage output
and the voltage desired are similar.
Figure 10. Non buffered channel voltage (with and without load)
Triangular waveform
Pattern waveform (offset)
Result waveform
ai18308
ai18309
DAC
DAC_Channel_1
DOR = 0xFFF
DAC
DAC_Channel_1
DOR = 0xFFF
3.3V
R = 5.1K
GND
1.2 V
1.2 V
3.3 V
3.3 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com