Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3132 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3132
Description  Configuring the SPEAr600
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3132 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3132 Datasheet HTML 16Page - STMicroelectronics AN3132 Datasheet HTML 17Page - STMicroelectronics AN3132 Datasheet HTML 18Page - STMicroelectronics AN3132 Datasheet HTML 19Page - STMicroelectronics AN3132 Datasheet HTML 20Page - STMicroelectronics AN3132 Datasheet HTML 21Page - STMicroelectronics AN3132 Datasheet HTML 22Page - STMicroelectronics AN3132 Datasheet HTML 23Page - STMicroelectronics AN3132 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN3132
Pad descriptions and configurations
Doc ID 16955 Rev 1
21/24
The bit 3, bit 2 and bit 1 control respectively the pins ZPROGOUTA2V5, PROGA2V5,
PROGB2V5 for all pad data and clock cells.
The following notes apply to these three bits:
They are independent, but not completly uncorrelated. All 8 combinations are valid, but
are partially overlapping.
They are board dependent, and must be determined during the tuning phase for every
PCB type.
They depend on the PCB characteristic impedance and the frequency of the DDR
signals.
Bit [3], the drive mode bit, changes the output impedance of the pad and must be set in
accordance with the PCB load.
It must be set to 0 (strong mode) when the characteristic impedance of the PCB is up to 50
Ohm.
It must be set to 1 (weak mode) when the characteristic impedance of the PCB is from 50 to
70 Ohm.
Bits [2] and [1 ), prog_a and prog_b, set the “way” the internal transistors of the pad are
loaded as well as the resulting effect on the slope of the signal. These 2 bits define 4
increments of increasing capability: from 00 (slower slope) to 11 (higher slope). All
intermediate values are valid.
When you deal with high frequency signals, you should configure higher slopes to increase
the data valid window, keeping in mind that the higher the slope, the more the signal
reflection.
10
pull-down not active and pull-up not active (default)
11
pull-down not active and pull-up active
Table 5.
Pull-up and pull down settings (continued)
Bit pair value
Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com