Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3140 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3140
Description  How to configure the SPEAr3xx general purpose timers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3140 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3140 Datasheet HTML 6Page - STMicroelectronics AN3140 Datasheet HTML 7Page - STMicroelectronics AN3140 Datasheet HTML 8Page - STMicroelectronics AN3140 Datasheet HTML 9Page - STMicroelectronics AN3140 Datasheet HTML 10Page - STMicroelectronics AN3140 Datasheet HTML 11Page - STMicroelectronics AN3140 Datasheet HTML 12Page - STMicroelectronics AN3140 Datasheet HTML 13Page - STMicroelectronics AN3140 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Summary
AN3140
12/14
Doc ID 16997 Rev 1
7
Summary
A general purpose timer can be seen as a simple counter with two clocks in input:
READ_Clk (for the slave interface) and CNT_Clk (for incrementing/decrementing the
counter).
The CNT_Clk for the GPT in SPEAr3xx can be selected between a fixed 48 MHz source
and PLL1, which is also the source clock for the rest of the system. The READ_Clk is
derived from PLL1 in normal mode (PCLK) and from the 24 MHz OSCI in slow mode.
Having a fixed clock source different from the system clock has the advantage of eliminating
the need for reconfiguring the GPT registers if the system clock frequency is slowed down.
However, it introduces the possibility of obtaining an unpredictable result when reading the
timer value, due to the non-synchronous operation of the two clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com