Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3155 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3155
Description  USART protocol used in the STM32 bootloader
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3155 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3155 Datasheet HTML 12Page - STMicroelectronics AN3155 Datasheet HTML 13Page - STMicroelectronics AN3155 Datasheet HTML 14Page - STMicroelectronics AN3155 Datasheet HTML 15Page - STMicroelectronics AN3155 Datasheet HTML 16Page - STMicroelectronics AN3155 Datasheet HTML 17Page - STMicroelectronics AN3155 Datasheet HTML 18Page - STMicroelectronics AN3155 Datasheet HTML 19Page - STMicroelectronics AN3155 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Bootloader command set
AN3155
16/37
DocID17066 Rev 6
3.5
Go command
The Go command is used to execute the downloaded code or any other code by branching
to an address specified by the application. When the bootloader receives the Go command,
it transmits the ACK byte to the application. After the transmission of the ACK byte, the
bootloader waits for an address (4 bytes, byte 1 is the address MSB and byte 4 is LSB) and
a checksum byte, then it checks the received address. If the address is valid and the
checksum is correct, the bootloader transmits an ACK byte, otherwise it transmits a NACK
byte and aborts the command.
When the address is valid and the checksum is correct, the bootloader firmware performs
the following:
•
it initializes the registers of the peripherals used by the bootloader to their default reset
values
•
it initializes the user application’s main stack pointer
•
it jumps to the memory location programmed in the received ‘address + 4’ (which
corresponds to the address of the application’s reset handler).
For example if the received address is 0x0800 0000, the bootloader will jump to the
memory location programmed at address 0x0800 0004.
In general, the host should send the base address where the application to jump to is
programmed
Figure 10. Go command: host side
Note:
Valid addresses for the Go command are in RAM or Flash memory (refer to STM32 product
datasheets and to the “STM32 microcontroller system memory boot mode” application note
- AN2606 for more details about the valid memory addresses for the device you are using).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com