Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3168 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 9Page - STMicroelectronics AN3168 Datasheet HTML 10Page - STMicroelectronics AN3168 Datasheet HTML 11Page - STMicroelectronics AN3168 Datasheet HTML 12Page - STMicroelectronics AN3168 Datasheet HTML 13Page - STMicroelectronics AN3168 Datasheet HTML 14Page - STMicroelectronics AN3168 Datasheet HTML 15Page - STMicroelectronics AN3168 Datasheet HTML 16Page - STMicroelectronics AN3168 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN3168
Examples of negative power supplies
Doc ID 17193 Rev 1
13/20
3.2
Capacitive power supply
Figure 15 shows the schematic diagram of a capacitive negative power supply.
Figure 15.
Capacitive power supply
To have a constant voltage across C1, the average value of the input current (IIN(av)) must be
equal to the average value of the output current (IOUT(av)). The input current is a half-wave
rectified current, whose average value (IIN(av)) is given in Equation 4 (R1 and C1
impedances and diode D2 voltage drop are neglected):
Equation 4
The standby power consumption (POFF) is set by the R1 resistor value, the average input
current and the D1 zener voltage (VZ). The resistor R1 is required to limit the inrush current
stress at power supply turn on and to avoid the overrating of the current protection of the
circuit. The standby power consumption is:
Equation 5
For a 230 V / 50 Hz mains voltage, a 60
Ω resistor R1 (typical value) and a 15 V zener diode,
the calculated average output current and standby power consumption versus different AC
capacitors given in Table 3.
The benefits of this solution are:
Low cost (for output current lower than 20 mA)
Small size
Easy to implement
Table 3.
Calculated output DC current and measured typical standby power
consumption
AC capacitor, C2
220 nF
470 nF
680 nF
1 µF
Average output DC current, IOUT(av)
7.1 mA
15.3 mA
22.1 mA
32.5 mA
Stand-by power consumption, POFF
0.12 W
0.3 W
0.48 W
0.8 W
V
SS
C1
AC mains
V
DD
D1
D2
C2
R1
)
av
(
OUT
)
peak
(
mains
)
av
(
IN
I
V
2
C
f
2
I
=
×
×
×
=
)
av
(
IN
Z
2
)
av
(
IN
OFF
I
V
)
2
I
(
1
R
P
×
+
π
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com