Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3202 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3202
Description  How to configure the SPEAr600 general purpose timers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3202 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3202 Datasheet HTML 3Page - STMicroelectronics AN3202 Datasheet HTML 4Page - STMicroelectronics AN3202 Datasheet HTML 5Page - STMicroelectronics AN3202 Datasheet HTML 6Page - STMicroelectronics AN3202 Datasheet HTML 7Page - STMicroelectronics AN3202 Datasheet HTML 8Page - STMicroelectronics AN3202 Datasheet HTML 9Page - STMicroelectronics AN3202 Datasheet HTML 10Page - STMicroelectronics AN3202 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN3202
Summary
Doc ID 17399 Rev 1
9/11
5
Summary
A general purpose timer can be seen as a simple counter with two clocks in input:
READ_Clk (for the slave interface) and CNT_Clk (for incrementing/decrementing the
counter).
The CNT_Clk for the GPT in SPEAr600 can be selected between a fixed 48 MHz source
and PLL1, which is also the source clock for the rest of the system. The READ_Clk is
derived from PLL1 in normal mode (PCLK) and from the 30 MHz OSCI in slow mode.
Having a fixed clock source different from the system clock has the advantage of eliminating
the need for reconfiguring the GPT registers if the system clock frequency is slowed down.
However, it introduces the possibility of obtaining an unpredictable result when reading the
timer value, due to the non-synchronous operation of the two clocks.
In case CNT_Clk is much slower than READ_Clk, three consecutives read of the counter (3-
reads workaround) guarantees to have at least two stable values with a maximum difference
of 1.
The following table summarizes the suggested solutions for this issue:
Table 3.
Summary of the solutions
Subsystem
Solution in normal mode
Solution in slow mode
GPT1
ARM1
3-reads workaround
3-reads workaround
GPT2
ARM2
3-reads workaround
3-reads workaround
GPT3
Basic
3-reads workaround
3-reads workaround
GPT4
Application1
Keep READ_Clk and
CNT_Clk synchronous
3-reads workaround
GPT5
Application2
Keep READ_Clk and
CNT_Clk synchronous
3-reads workaround



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com