Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C945P Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # C945P
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

C945P Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  C945P Datasheet HTML 1Page - KEC(Korea Electronics) C945P Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2001. 9. 14
2/2
KTC945
Revision No : 2
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
30
1k
300
100
0.3
0.1
COLLECTOR CURRENT I
(mA)
C
h
- I
0.3
3
0.01
300
100
30
0.1
COLLECTOR CURRENT I
(mA)
C
V
- I
10
0.3
3k
0
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
40
80
120
160
200
240
1234
5
6
7
COMMON
EMITTER
Ta=25 C
6.0
5.0
3.0
2.0
1.0
0.5
I =0.2mA
0
B
FE
C
1
3
10
30
50
100
300
500
10
CE(sat)
C
0.3
1
3
10
0.03
0.05
0.1
0.5
1
COMMON
EMITTER
I /I =10
CB
Ta=100 C
25 C
-25 C
CE
V
=10V
Ta=25 C
COMMON EMITTER
1k
500
100
50
30
-10
-3
-1
-0.3
E
T
f
- I
E
EMITTER CURRENT I
(mA)
-0.1
-30
-100
-300
10
3k
300
BBE
0.2
0.4
0.6
0.8
1.0
1.2
1
3
30
100
300
1k
COMMON
V
=6V
CE
EMITTER
COMMON
Ta=100 C
Ta=25 C
Ta=-25 C
V
=6V
CE
CE
V
=1V
EMITTER
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
25
50
75
100
125
150
175
100
200
300
400
500
600
700



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com